Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS331 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS331
Description  Low Power Low Offset Voltage Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS331 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS331_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS331_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS331_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS331_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS331_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS331
Low Power Low Offset Voltage Comparators
1/5
Version: B14
SOT-25
General Description
The TS331 is single precision voltage comparators capable of single-supply or split-supply operation. The
specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input
offset-voltage selection for many applications in consumer automotive, and It is designed to permit a common
mode range-to- industrial electronics.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
+36 or ±18
V
Differential Input Voltage
VIDR
36
V
Input Common Mode Voltage Range
VICR
-0.3 to 36
V
Input Current
IIN
50
mA
Output Short Circuit to Ground
ISC
Continuous
Output Sink Current
ISINK
20
mA
Operating Temperature Range
TOPR
-40 ~ +105
oC
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Features
●
Output voltage compatible with DTL, ECL, TTL,
MOS and CMOS Logic levels
●
Low input bias current 25nA
●
Low input offset current ±0.5nA
●
Low input offset voltage ±2mV(typ)
●
Input common mode range to ground level
●
Differential input voltage range equal to power
supply voltage
●
Very low supply current drain (0.4mA) -
independent of supply voltage
●
Wide single-supply range 2V~36V
●
Split-supply range ±1V to ±18V
Block Diagram
Ordering Information
Part No.
Package
Packing
TS331CX5 RFG
SOT-25
3Kpcs / 7” Reel
Note: “G” denotes Halogen Free Product.
Pin Definition:
1. Input +
2. Ground
3. Input -
4. Output
5. Vcc


Similar Part No. - TS331_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
More results

Similar Description - TS331_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com