Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2938CS50RLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS50RLG
Description  500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS50RLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS50RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938CS50RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS2938
Taiwan Semiconductor
Document Number: DS_P0000209
2
Version: G15
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
(Note 2)
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation
(Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
20
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.
ELECTRICAL SPECIFICATIONS
(VIN=VOUT+1V, IL=5mA, CO=10µF, TA=25
oC, unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
TA=25
oC
3.23
3.3
3.36
V
4.9
5
5.1
TA=25~85
oC
3.17
3.3
3.43
4.8
5
5.2
Output Voltage Temperature Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V
≤ V
IN
≤ 26V
--
0.05
0.5
%
Load Regulation
5mA
≤ I
L
≤ 500mA
--
0.2
1.0
%
Dropout Voltage
(Note 4)
IL=100mA
--
100
200
mV
IL=300mA
--
300
400
IL=500mA
--
500
600
Quiescent Current
(Note 5)
IL=100µA
--
200
300
µA
IL=300mA
--
12
20
mA
IL=500mA
--
25
50
Short Circuit Current
(Note 6)
VOUT =0
--
0.9
1.3
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2µF
--
500
--
µVrms
CL=3.3µF
--
350
--
CL=33µF
--
120
--
Ripple Rejection
Ratio
60
--
--
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com