Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4264 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264
Description  5V/150mA Fixed-Voltage Ultra Low LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4264 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS4264
5V/150mA Fixed-Voltage Ultra Low LDO
1/6
Version: B07
SOT-223
General Description
TS4264 is a 5V low-drop fixed-voltage regulator in an SOT-223 package. The IC regulates an input voltage in the
range of 5.5V<VIN<45V to VOUT (rated) = 5.0V. The maximum output current is more than 150mA. This IC is designed
with short circuit-proof and features temperature protection that disables the circuit at over-temperature.
Ordering Information
Part No.
Package
Packing
TS4264CW50 RP
SOT-223
2.5Kpcs / 13” Reel
Features
●
Fixed Output Voltage 5V
●
Output Voltage Tolerance ±2%
●
150mA Current Capability
●
Ultra Low Dropout Voltage
●
Over Temperature Protection
●
Very Low Current Consumption 400uA (max.)
●
Short-Circuit Proof
●
Reverse Polarity Proof
●
Wide Temperature Polarity Range
●
Suitable for use in Automotive Electronics
Pin Definition and Function
Pin
Symbol
Function
1
Input
Block to ground directly on IC with
ceramic capacitor
2
Ground
Ground
3
Output
Block to ground with 10uF capacitor,
ESR < 10Ω
Block Diagram
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS4264

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264 TSC-TS4264 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4264CW50 TSC-TS4264CW50 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264CW50RP TSC-TS4264CW50RP Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
More results

Similar Description - TS4264

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
Low Voltage 150mA LDO REGULATOR
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
5V Ultra Low Dropout Fixed Voltage Regulator
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
5V/150mA Fixed-Voltage Ultra Low LDO
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com