Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9015 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9015
Description  300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9015 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9015 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9015
300mA CMOS LDO
0.9V Adjustable Voltage with Enable Function
1/5
Version: D08
SOT-25
General Description
The TS9015 is a low dropout voltage linear regulator. There are device designed specifically for battery-operated
systems. Ground current is very small as 50uA(typ), that significantly extending battery life. Low power
consumption and high accuracy is achieved through CMOS and programmable fuse technologies. Output voltage
is able to adjust from 1V to 6V. The TS9015 consists of a high-precision voltage reference, and error correction
circuit, and a current limited output driver. With good transient responses, output remains stable even during load
changes. The EN input enables to be turned off, resulting in reduced power consumption.
TS9015 have high ripple rejection ratios, a 470pF capacitor from the Bypass pin to ground to reduces noise
present on the internal reference, which in turn significantly reduces output noise. If output noise is not a concern,
the Bypass pin may be left unconnected. Larger capacitor values can be used, but the results in a longer time
period to rate output voltage when power is initially applied.
Features
●
Output current is excess of 300mA
●
Low power consumption: 50uA(typ.)
●
Output voltage
±2%
●
Internal current limit
●
Thermal shutdown
●
Power saving shutdown mode
●
P-MOS output stage with low Rds(on)
●
Adjustable output voltage from 1V to 5.4V
Applications
●
Instrumentation
●
Wireless device
●
Battery powered equipment
●
Electronic scales
●
Cordless phone
Ordering Information
Note: “G” denote for Halogen Free Product
Part No.
Package
Packing
TS9015CX5 RFG
SOT-25
3Kpcs / 7” Reel
Block Diagram
Typical Application Circuit
VOUT = 0.9 ( 1 + R1 / R2 )
C2 is unnecessary when R1 or R2 < 20K
Pin Definition:
1. Input
2. Ground
3. Enable
4. Adjustable
5. Output


Similar Part No. - TS9015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015CX5RF TSC-TS9015CX5RF Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results

Similar Description - TS9015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com