Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1536C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1536C
Description  Precision Triple Supply Monitor for PCI Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536C Datasheet(HTML) 2 Page - Linear Technology

  LTC1536C Datasheet HTML 1Page - Linear Technology LTC1536C Datasheet HTML 2Page - Linear Technology LTC1536C Datasheet HTML 3Page - Linear Technology LTC1536C Datasheet HTML 4Page - Linear Technology LTC1536C Datasheet HTML 5Page - Linear Technology LTC1536C Datasheet HTML 6Page - Linear Technology LTC1536C Datasheet HTML 7Page - Linear Technology LTC1536C Datasheet HTML 8Page - Linear Technology LTC1536C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1536
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Notes 1, 2)
Terminal Voltage
VCC3, VCC5, VCCA.................................... – 0.3V to 7V
RST, SRST ............................................ – 0.3V to 7V
RST ......................................... – 0.3V to VCC3 + 0.3V
PBR .......................................................... – 7V to 7V
Operating Temperature Range
LTC1536C .............................................. 0
°C to 70°C
LTC1536I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
ORDER
PART NUMBER
LTC1536CMS8
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
VCC3
VCC5
VCCA
GND
8
7
6
5
PBR
SRST
RST
RST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/ W
MS8 PART MARKING
LTBV
Consult factory for Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT3
Reset Threshold VCC3
0
°C ≤ TA ≤ 70°C
q
2.962
2.985
3.000
V
–40
°C ≤ TA ≤ 85°C
q
2.925
2.985
3.008
V
VRT5
Reset Threshold VCC5
0
°C ≤ TA ≤ 70°C
q
4.687
4.725
4.750
V
–40
°C ≤ TA ≤ 85°C
q
4.625
4.725
4.762
V
VRTA
Reset Threshold VCCA
0
°C ≤ TA ≤ 70°C
q
0.992
1.000
1.007
V
–40
°C ≤ TA ≤ 85°C
q
0.980
1.000
1.007
V
VCC
VCC3 or VCC5 Operating Voltage
RST in Correct Logic State
q
17
V
IVCC3
VCC3 Supply Current
PBR = VCC3
q
100
200
µA
IVCC5
VCC5 Input Current
VCC5 = 5V
q
10
20
µA
IVCCA
VCCA Input Current
VCCA = 1V, 0°C ≤ TA ≤ 70°C
q
–5
0
5
nA
VCCA = 1V, – 40°C ≤ TA ≤ 85°C
q
–15
0
15
nA
tRST
Reset Pulse Width
RST Low with 10k
Ω Pull-Up to VCC3
0
°C to 70°C
q
140
200
280
ms
–40
°C to 85°C
q
140
200
300
ms
tSRST
Soft Reset Pulse Width
SRST Low with 10k
Ω Pull-Up to VCC3
q
50
100
200
µs
tUV
VCC Undervoltage Detect to RST
VCC5, VCC3 or VCCA Less Than Reset
13
µs
Threshold VRT by 1%
ELECTRICAL CHARACTERISTICS
VCC3 = 3.3V, VCC5 = 5V, VCCA = VCC3, TA = 25°C unless otherwise noted.
S8 PART MARKING
1536
1536I
LTC1536CS8
LTC1536IS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com