Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19378CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19378CSRLG
Description  2A Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19378CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19378
Taiwan Semiconductor
Document Number: DS_P0000199
1
Version: B15
2A Buck (Step-down) WLED Driver
DESCRIPTION
The TS19378 is a high voltage step-down converter
designed for driving up to 10 series white LEDs from a
40V system input. The total LED driving current up to
2A, which is measured through an external current
sense resistor. Its low 200mV feedback voltage
reduces power loss and improves efficiency. The OVP
pin monitors the output voltage and turns off the
converter if an over-voltage condition is present due to
an open circuit condition. The TS19378 includes
current limit, short circuit protection and thermal
shutdown protection preventing damage.
TS19378 provides high power, high efficiency, and
excellent transient characteristics. The PWM control
circuit is able to the duty ratio linearly from 0 up to
100%. Since this converter can accommodate an
input voltage up to 40V, it is also suitable for the
operation via an AC adapter.
FEATURES
●
Input Voltage Range 8V~40V
●
Output voltage up to 38V
●
2A Switch Output Current
●
Duty ratio: 0%~100% PWM control
●
300kHz Switching Frequency
●
Enable/Disable Functions
●
Soft Start Time Control
●
Current limit and Thermal Shutdown
●
Short Circuit Protections
●
Built-in Internal SW P-CH MOSFET
APPLICATION
●
White LED Backlighting
●
High Power LED Application
●
Multiple LED Driving
●
LED Lighting Equipment
SOP-8EP
Pin Definition:
1. EN/SS
8. COMP
2. GND
7. FB
3. VGATE
6. OVP
4. VCC
5. SW (Connected to exposed pad)
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT
COUT ESR Range
R2
C7
30~80mΩ
470R
10nF
80~300mΩ
100R
15nF


Similar Part No. - TS19378CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19378CS-RLG TSC-TS19378CS-RLG Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
More results

Similar Description - TS19378CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com