Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19460CSRLG Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19460CSRLG
Description  AC/DC WLED Driver with Average-Mode Constant Current Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19460CSRLG Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19460CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS19460
Taiwan Semiconductor
Document Number: DS_P0000188
6
Version: D15
APPLICATION INFORMATION
The TS19460 is optimized to drive buck LED drivers using average current mode control. This method of control
enables fairly accurate LED current control without the need for high side current sensing or the design of any
closed loop controllers. The IC uses very few external components and enables both linear and PWM dimming of
the LED current.
A resistor connected to the RT pin programs the off-time. Constant off-time control average current mode is used
for stability and to improve the LED current regulation over a wide range of input voltages.
The current through the switching MOSFET source is averaged and used to give constant-current feedback. This
current is detected from a sense resistor at the CS pin, the feedback operates in a fast open-loop mode, there is no
compensation required, the output current is programmed as
ILED = 0.25V / RCS
When the Voltage at the LD input >1.5V, otherwise
ILED = ( VLD * 0.181 ) / RCS
When application to design the inductor witching ripple current in it is 40% of average peak to peak, full load
current, the inductance can be calculated as follow:
LOUT = ( VOUT(max) * TOFF ) / ( 0.4 * IOUT )
The duty cycle range of current control feedback is limited to duty <75%, A reduction in the LED current string
voltage is greater than 75% of input voltage.
Reducing the output LED voltage is below
VOUT(MIN) = VIN * D(MIN), where D(MIN) = 1uS / (TOFF + 1uS), may also
result in the loss of regulation of LED current. This condition will cause an increase in the LED current and can be
possible to trip the short circuit protection comparator.
The short circuit protection comparator trips when the voltage at CS exceeds 0.44V, the Gate off time (
THICCUP =
400
μs) is generated to prevent stair-casing of inductor current and potentially its saturation due to insufficient
output voltage.
The leading edge blanking delay is provided at CS to prevent false triggering of current feedback and short circuit
protection.
Input Voltage Regulator
The TS19460 can be powered directly from its VIN pin and can work from 8.0VDC~450VDC at its VIN pin. When a
voltage is applied at the VIN pin, the TS19460 maintains a constant 7.5V at the VDD pin. This voltage is used to
power the IC and any external resistor dividers needed to control the IC. The VDD pin must be bypassed by a low
ESR capacitor to provide a low impedance path for the high frequency current of the output GATE driver. The
TS19460 can be also operated by supplying a voltage at the VDD pin greater than the internally regulated voltage.
Please note that this external voltage at the VDD pin should not exceed 12V.
Although the VIN pin of the TS19460 is rated up to 450V, the actual maximum voltage that can be applied is limited
by the power dissipation in the IC. For example, if an SOP-8 (junction to ambient thermal resistance
Rθ
JA = 128°C/
W) TS19460 draws about IIN = 2.0mA from the VIN pin, and has a maximum allowable temperature rise of the
junction temperature limited to about the maximum voltage at the VIN pin would be:
VIN(MAX) = ( TJ(MAX) – TA ) / ( RθJA * IIN ) = 390V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com