Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1540C Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1540C
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540C Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1540C Datasheet HTML 4Page - Linear Technology LTC1540C Datasheet HTML 5Page - Linear Technology LTC1540C Datasheet HTML 6Page - Linear Technology LTC1540C Datasheet HTML 7Page - Linear Technology LTC1540C Datasheet HTML 8Page - Linear Technology LTC1540C Datasheet HTML 9Page - Linear Technology LTC1540C Datasheet HTML 10Page - Linear Technology LTC1540C Datasheet HTML 11Page - Linear Technology LTC1540C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1540
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
MSOP (MS8) 1197
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.012
(0.30)
REF
0.006
± 0.004
(0.15
± 0.102)
0.034
± 0.004
(0.86
± 0.102)
0.0256
(0.65)
TYP
12
3
4
0.192
± 0.004
(4.88
± 0.10)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com