Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1536CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1536CS8
Description  Precision Triple Supply Monitor for PCI Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1536CS8 Datasheet HTML 4Page - Linear Technology LTC1536CS8 Datasheet HTML 5Page - Linear Technology LTC1536CS8 Datasheet HTML 6Page - Linear Technology LTC1536CS8 Datasheet HTML 7Page - Linear Technology LTC1536CS8 Datasheet HTML 8Page - Linear Technology LTC1536CS8 Datasheet HTML 9Page - Linear Technology LTC1536CS8 Datasheet HTML 10Page - Linear Technology LTC1536CS8 Datasheet HTML 11Page - Linear Technology LTC1536CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1536
©LINEAR TECHNOLOGY CORPORATION 1997
1536f, sn1536a LT/TP 0498 4K • PRINTED IN THE USA
TYPICAL APPLICATIONS N
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65V Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65V Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Pushbutton Reset
4.37V/4.62V Threshold
LTC1326
Micropower Precision Triple Supply Monitor
4.725V, 3.118V, 1V Thresholds (
±0.75%)
LTC1326-2.5
Micropower Precision Triple Supply Monitor
2.363V, 3.118V, 1V Thresholds (
±0.75%)
RELATED PARTS
Quad Supply Monitor:
12V: Undervoltage, Overvoltage
5V: Undervoltage, Overvoltage
3.3V: Undervoltage, Overvoltage
– 12V: Undervoltage
–
+
A
PWR GOOD
B
2
12V
3
LTC1444
4
5
1
6
7
1.21M
1.21M
1%
2.37M
1%
3.3V
±0.3V
5V
±5%
12V
±5%
– 12V
±10%
1.05M
1%
102k
1%
100k
0.1
µF
OPTIONAL
1M
4.02M
1%
C
16
D
15
9
HYST
1536 TA07
11
10
12
13
8
14
9.31M
1%
1.21M
1%
REF
1.221V
10.7M
1%
5V
SYSTEM
RESET
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com