Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1540CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1540CS8
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1540CS8 Datasheet HTML 4Page - Linear Technology LTC1540CS8 Datasheet HTML 5Page - Linear Technology LTC1540CS8 Datasheet HTML 6Page - Linear Technology LTC1540CS8 Datasheet HTML 7Page - Linear Technology LTC1540CS8 Datasheet HTML 8Page - Linear Technology LTC1540CS8 Datasheet HTML 9Page - Linear Technology LTC1540CS8 Datasheet HTML 10Page - Linear Technology LTC1540CS8 Datasheet HTML 11Page - Linear Technology LTC1540CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1540
TYPICAL APPLICATIONS
3.3V Output Low Dropout Linear Regulator
The LTC1540 can be connected as a micropower (IQ =
5.5
µA at VIN = 5V) low dropout linear regulator (Figure 7).
When the output is low, Q1 turns on, allowing current to
charge output capacitor C1. Local feedback formed by R4,
Q1 and Q2 creates a constant-current source from the 5V
input to C1. R4, R1 and Q2’s VBE also provide current
limiting in the case of an output short-circuit to ground. C2
reduces output ripple, while the R2-R3 feedback voltage
divider establishes the output voltage.
Auto Power-Off Source
Figure 8 shows the circuit for a 30mA power supply that
has a timed auto power-off function. The comparator
output is the switched power supply output. With a 10mA
load, it typically provides a voltage of (VBAT – 0.17V). The
whole circuit draws a mere 0.8
µAofquiescentcurrentwith
VBAT = 5V. The three resistor voltage divider programs
50mV of hysteresis for the comparator, and sets the IN –
voltage at 200mV. This gives an IN + trip threshold of
approximately 150mV
The RC time constant determines the maximum power-on
time of the OUT pin before power down occurs. This period
can be approximated by:
t = 4.6RC (seconds)
The actual time will vary with both the leakage current of
the capacitor and the input current at the IN + pin.
Figure 7. 3.3V Output Low Dropout Linear Regulator
V +
V –
1
C3
2
7
8
R1
47k
GND
OUT
1540 F07
IN+
IN–
HYST
REF
3
4
5
6
–
+
R3
750k
1%
R2
430k
1%
R4
10
Ω
Q1
TP0610L
VIN = 5V
Q2
2N3906
C1
10
µF
VOUT
3.3V
C2
2.2nF
LTC1540
V +
IN+
OUT
432k
VBAT
V –
21
7
8
3
GND
CR
(VBAT – 0.17V)
10mA
MOMENTARY
SWITCH
LTC1540
1540 F08
IN –
HYST
REF
4
5
6
121k
2M
–
+
Figure 8. Auto Power-Off Switch Operates
on 0.8
µA Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com