Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1545CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1545CG
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1545CG Datasheet HTML 1Page - Linear Technology LTC1545CG Datasheet HTML 2Page - Linear Technology LTC1545CG Datasheet HTML 3Page - Linear Technology LTC1545CG Datasheet HTML 4Page - Linear Technology LTC1545CG Datasheet HTML 5Page - Linear Technology LTC1545CG Datasheet HTML 6Page - Linear Technology LTC1545CG Datasheet HTML 7Page - Linear Technology LTC1545CG Datasheet HTML 8Page - Linear Technology LTC1545CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1545
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
(Note 1)
Supply Voltage
VCC ..................................................................... 6.5V
VEE........................................................ – 10V to 0.3V
VDD ....................................................... – 0.3V to 10V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
Logic Pins .............................. – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters .................. (VEE – 0.3V) to (VDD + 0.3V)
Receivers ................................ – 0.3V to (VCC + 0.3V)
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
VEE.................................................................. 30 sec
Operating Temperature Range
LTC1545C .............................................. 0
°C to 70°C
LTC1545I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1545CG
LTC1545IG
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VCC
VDD
D1
D2
D3
R1
R2
R3
D4
R4
M0
M1
M2
DCE/DTE
D4ENB
R4EN
R5
D5
VEE
GND
D1 A
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
R2 A
R2 B
R3 A
R3 B
D4 A
R4 A
R5 A
D5 A
VDD
VCC
R1
D2
D1
D3
R3
G PACKAGE
36-LEAD PLASTIC SSOP
D5
R5
D4
R2
R4
TJMAX = 150°C, θJA = 65°C/ W
Consult factory for Military grade parts.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11 (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
VCC Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
q
2.7
5
mA
All Digital Pins = GND or VCC)
RS530, RS530-A, X.21 Modes, Full Load
q
110
150
mA
V.28 Mode, No Load
q
13
mA
V.28 Mode, Full Load
q
13
mA
No-Cable Mode, D4ENB = HIGH
q
10
500
µA
IEE
VEE Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
q
2.0
4.0
mA
All Digital Pins = GND or VCC)
RS530, X.21 Modes, Full Load
q
23
35
mA
RS530-A, Full Load
q
34
50
mA
V.28 Mode, No Load
q
13
mA
V.28 Mode, Full Load
q
12
18
mA
No-Cable Mode, D4ENB = HIGH
q
10
500
µA
IDD
VDD Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, NoLoad
q
0.3
2
mA
All Digital Pins = GND or VCC)
RS530, RS530-A, X.21 Modes, Full Load
q
0.3
2
mA
V.28 Mode, No Load
q
13
mA
V.28 Mode, Full Load
q
13.5
18
mA
No-Cable Mode, D4ENB = HIGH
q
10
500
µA
PD
Internal Power Dissipation (DCE Mode,
RS530, RS530-A, X.21 Modes, Full Load
340
mW
(All Digital Pins = GND or VCC)
V.28 Mode, Full Load
64
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com