Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1553CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1553CG
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1553CG Datasheet HTML 9Page - Linear Technology LTC1553CG Datasheet HTML 10Page - Linear Technology LTC1553CG Datasheet HTML 11Page - Linear Technology LTC1553CG Datasheet HTML 12Page - Linear Technology LTC1553CG Datasheet HTML 13Page - Linear Technology LTC1553CG Datasheet HTML 14Page - Linear Technology LTC1553CG Datasheet HTML 15Page - Linear Technology LTC1553CG Datasheet HTML 16Page - Linear Technology LTC1553CG Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1553
APPLICATIONS INFORMATION
Q1
G1
Q2
0.1
µF
LO
VOUT
1553 F07
COUT
CIN
VIN
PVCC
1N5248B
18V
1N5817
OPTIONAL FOR VIN > 5V
G2
LTC1553
20
1
2
+
+
Figure 7. Doubling Charge Pump
MOSFET Gate Drive
Power for the internal MOSFET drivers is supplied by
PVCC. This supply must be above the input supply voltage
by at least one power MOSFET VGS(ON) for efficient opera-
tion. This higher voltage can be supplied with a separate
supply, or it can be generated using a simple charge pump
as shown in Figure 7. The 84% typical maximum duty
cycle ensures sufficient off-time to refresh the charge
pump during each cycle. Figure 8 shows a tripling charge
pump, which provides additional VGS overdrive to the
external MOSFETs. This circuit can be useful for standard
threshold MOSFETs which demand a higher turn-on volt-
age. An 18V Zener diode (1N5248B) is recommended with
tripler charge pump designs to ensure that PVCC never
exceeds the LTC1553’s 20V absolute maximum PVCC
voltage. This becomes more critical as VIN rises. With VIN
= 12V, the doubler circuit of Figure 7 will also exceed the
20V limit. Figure 9 shows an alternate 17V charge pump
derived from both the 5V and 12V supplies.
If the OUTEN pin is low, G1 and G2 are both held low to
prevent output voltage undershoot. As VCC and PVCC
power up from a 0V condition, an internal undervoltage
lockup circuit prevents G1 and G2 from going high until
VCC reaches about 3.5V. If VCC powers up while PVCC is at
ground potential, the SS is forced to ground potential
internally. SS clamps the COMP pin low and prevents the
drivers from turning on. On power-up or recovery from
thermal shutdown, the drivers are designed such that G2
is held low until G1 first goes high.
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC1553 circuits. They should be selected based prima-
rily on threshold and on-resistance considerations. The
required MOSFET threshold should be determined based
on the available power supply voltages and/or the com-
plexity of the gate driver charge pump scheme. In 5V input
designs where a 12V supply is used to power PVCC,
standard MOSFETs with RDS(ON) specified at VGS = 5V or
6V can be used with good results. However, logic level
devices will improve efficiency. The current drawn from
the 12V supply varies with the MOSFETs used and the
LTC1553 operating frequency, but is generally less than
50mA.
Figure 9. 17V Charge Pump for VIN = 12V
Q1
10
Ω
Q2
0.1
µF
LO
VOUT
1553 F09
COUT
VIN
12V
CVCC
1N5248B
18V
1N5817
VCC
5V
LTC1553
CIN
G1
PVCC
G2
20
1
2
VCC
5
+
+
Q1
Q2
0.1
µF
0.1
µF
10
µF
LO
VOUT
1553 F08
COUT
CIN
VIN
1N5248B
18V
1N5817
LTC1553
1N5817
1N5817
+
G1
PVCC
G2
20
1
2
+
+
Figure 8. Tripling Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com