Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIL-980 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PIL-980
Description  Infrared Diode Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PIL-980 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PIL-980 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PIL-980 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.10.2010
PIL-980_5-400mW
1 of 2
Infrared Diode Laser Pointer
980nm Infrared diode laser featuring collimated beam, compact size, long lifetime, and low cost.
•
Security Key lock system to avoid unauthorized use
•
Control LED indicating operation
•
Black metal body with clip
Specifications
Wavelength
980 ±5 nm
Output Power
5 - 400 mW
Transverse Mode
TE00
Operating Mode
CW
Beam Divergence (full angle)
< 15 mrad
Beam Diameter (at the aperature)
~ 3.0 mm
Max continuous ON time
30 sec
Operating Temperature
10 – 35°
Power Supply
2x1,5V AAA Batteries (included)
Expected Lifetime
5000 hours
Warranty period
6 months
PIL-980 5–400 mW


Similar Part No. - PIL-980

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PIL-1064 ROITHNER-PIL-1064 Datasheet
101Kb / 2P
Infrared Solid State Laser Pointer
PIL-1342 ROITHNER-PIL-1342 Datasheet
101Kb / 2P
Infrared Solid State Laser Pointer
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
Infrared Diode Laser Pointer
PIL-VI-10641-400MW ROITHNER-PIL-VI-10641-400MW Datasheet
147Kb / 2P
Infrared DPSS Laser Modul
More results

Similar Description - PIL-980

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42529 EXTECH-42529 Datasheet
109Kb / 4P
InfraRed Thermometer with Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
High Temperature InfraRed Thermometer with Laser Pointer
logo
Roithner LaserTechnik G...
LP-450 ROITHNER-LP-450 Datasheet
78Kb / 2P
Blue Diode Laser Pointer
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
Infrared Diode Laser Pointer
PIL-1064 ROITHNER-PIL-1064 Datasheet
101Kb / 2P
Infrared Solid State Laser Pointer
PIL-1342 ROITHNER-PIL-1342 Datasheet
101Kb / 2P
Infrared Solid State Laser Pointer
SHP980-25 ROITHNER-SHP980-25 Datasheet
371Kb / 3P
Infrared Laser Pointer
SHP980-25F ROITHNER-SHP980-25F Datasheet
381Kb / 3P
Infrared Laser Pointer
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com