Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLTMFC-808 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMFC-808
Description  High Power Fiber Coupled Diode Laser System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMFC-808 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMFC-808 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMFC-808 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMFC-808 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16.08.2010
rltmfc_808_10-50mw.doc
1 of 3
High Power Fiber Coupled Diode Laser System
The RLTMFC series integrates laser diode, fiber coupling optics, laser power supply, LD current and
temperature control in one box. Its compact dimension and convenient functions, such as power
adjustment, temperature control, LED display etc, which makes it very suitable for pumping, scientific
research, industrial and medical applications.
Specifications
Wavelength
808 ±3 nm
Output Power
10 - 50 W
Fiber Core Diameter
400 µm
Fiber NA
0.22
Fiber Connector
SMA905
Fiber Length
2 m
Adjustable Ouput Power
0 – 100%, adjustable by knob
Operating Mode
CW
LED Display
Diode current
LD Temperature Control Range
15 – 35 °C
Power Supply
90-264VAC, 50 to 60 Hz (included)
Expected Lifetime
10000 hours
Operating Temperature
10 – 40 °C
Cooling Way
By air
Warranty Period
1 year
Options
Red Pilot Light
on request
TTL or Analog Modulation
On request
RLTMFC-808 10-50 W


Similar Part No. - RLTMFC-808

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMFC-785D ROITHNER-RLTMFC-785D Datasheet
147Kb / 1P
Spectrum Stabilized Diode Laser System
More results

Similar Description - RLTMFC-808

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
High Power Fiber Coupled Infrared Laser Diode
G098PU1750M ROITHNER-G098PU1750M Datasheet
240Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G098PU1600M ROITHNER-G098PU1600M Datasheet
240Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G098PU312W ROITHNER-G098PU312W Datasheet
425Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU11500M ROITHNER-G081PU11500M Datasheet
236Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU25W ROITHNER-G081PU25W Datasheet
203Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
GO81PU11500M ROITHNER-GO81PU11500M Datasheet
225Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com