Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34063CDC3 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS34063CDC3
Description  Dc to Dc Converter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063CDC3 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS34063CDC3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34063CDC3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS34063
Dc to Dc Converter Controller
2/10
Version: B13
Electrical Characteristics (VCC =5V, Ta =25
oC; unless otherwise noted.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Oscillator (OSC)
Frequency
FOSC
CT = 1nF, Vpin5= 0V
24
33
42
KHz
Charge Current
ICHARGE
VCC = 5V ~ 40V
24
30
42
uA
Discharge Current
IDISCHARGE
VCC = 5V ~ 40V
140
200
260
uA
Discharge to Charge current ratio
IDISCHARGE
/ ICHARGE
Pin7 to VCC
5.2
6.5
7.5
--
Current Limit Sense Voltage
VIPK(SENSE)
IDISCHARGE = ICHARGE
250
--
350
mV
Output switch (note1)
Saturation Voltage
VCE(SAT)
ISW= 1A, pin1, 8 connected
--
1.0
1.3
V
Saturation Voltage
VCE(SAT)
ISW= 1A, Id=50mA
--
0.45
0.7
V
DC current gain
HFE
ISW = 1A, VCE= 0.5V
50
75
--
--
Collector off-state current
IC(OFF)
VCE = 40V
--
0.01
100
uA
Comparator
Threshold Voltage
VREF
1.225
1.25
1.275
V
Line regulation
REGLINE
VCC = 3V ~ 40V
--
--
6
mV
Total device
Supply Current
ICC
VCC = 5V ~ 40V, CT = 1nF,
pin7= VCC, pin5> VTH,
pin2=Gnd, remaining pins
open
--
3
5
mA
Notes1: Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature as possible
Note 2: If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents
(<=300mA) and high driver currents (>=30mA), it may take up to 2uS for it to come out of saturation. This
condition will shorten the off time at frequencies >= 30KHz, and is magnified at high temperature. This
condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non-
darlington configuration is used, the following output drive condition is recommended: Forced Bata of
output switch: Ic output / (Ic driver – 7mA*) >= 10
* The 100ohm resistor in the emitter of the driver divide requires about 7mA before the output switch
conducts.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com