Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34119CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119CSRL
Description  Low Power Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS34119CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS34119
Low Power Audio Amplifier
4/12
Version: B13
Pin Function Description
Symbol
Pin
Description
CD
1
Chip Disable-Digital input. A logic ”0” (<0.8V) sets normal operation. A logic ”I”(
≥2.0V)
sets the power down mode. Input impedance is nominally 90K
Ω
FC2
2
A capacitor at this pin increases power supply rejection, and affects turn-on time. This pin
can be left open it the capacitor at FC1 is sufficient.
FC1
3
Analog ground for the amplifiers. A 1uF capacitor at this pin (with a 5uF capacitor at pin
2) provides 52dB(typically) of power supply rejection. Turn-on time of the circuit is
affected by the capacitor on this pin. This pin can be used as an alternate input.
Vin
4
Amplifier input. The input capacitor and resistor set low frequency roll off and input
impedance. The feedback resistor is connected to this pin and VO1.
VO1
5
Amplifier Output #1. The dc level is
≈ (V
CC - 0.7) / 2
VCC
6
DC supply voltage (+2.0V ~ +16V) is applied to this pin.
GND
7
Ground pin for the entire circuit.
VO2
8
Amplifier Output #2. This signal is equal in amplitude, but 180
° out-of-phase with that at
VO1. The dc level is
≈ (V
CC - 0.7V) / 2.
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com