Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39100CP50RO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100CP50RO
Description  1A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CP50RO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39100CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS39100
1A Ultra Low Dropout Voltage Regulator
2/7
Version: C11
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise
specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
10mA
≤ I
L
≤ 1.0A,
Vo+1V
≤ V
IN
≤ 8V
0.980|Vo|
VOUT
1.020|Vo|
V
10mA
≤ I
L
≤ 1.0A,
2.5V
≤ V
IN
≤ 16V
0.970|Vo|
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V
≤ V
IN
≤ 16V
--
0.05
0.5
%
Load Regulation
VIN =Vout+1V, 8mA
≤I
L
≤300mA
--
0.05
0.1
%
VIN =Vout+1V, 10mA
≤I
L
≤1A
--
0.2
1.0
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
∆VOUT = -1%
IL=100mA
IL=500mA
IL=1.0A
--
--
--
100
275
400
250
350
630
mV
Quiescent Current (Note 6)
VIN= VOUT +1V
IL=100mA
IL=500mA
IL=1.0A
--
--
--
0.7
6
17
--
--
23
mA
Current Limited
VOUT =0, VIN = VOUT +1V
--
1.8
--
A
Thermal Performance
Condition
Package type
Typ
Unit
Thermal Resistance Junction to Case
SOT-223
15
oC/W
TO-252
10
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the
junction to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown. The effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT
+10mA for fix reference output voltage in full load regulation.
Note 8: Output voltage temperature coefficient is ∆VOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com