Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1598 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1598
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 3 Page - Linear Technology

  LTC1598 Datasheet HTML 1Page - Linear Technology LTC1598 Datasheet HTML 2Page - Linear Technology LTC1598 Datasheet HTML 3Page - Linear Technology LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1594/LTC1598
15948fb
CONVERTER AND MULTIPLEXER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
12
12
Bits
Integral Linearity Error
(Note 6)
●
±3
±3LSB
Differential Linearity Error
●
± 3/4
±1LSB
Offset Error
●
±3
±3LSB
Gain Error
●
±8
±8LSB
REF Input Range
(Notes 7, 8)
1.5V to VCC + 0.05V
V
Analog Input Range
(Notes 7, 8)
– 0.05V to VCC + 0.05V
V
MUX Channel Input Leakage Current
Off Channel
●
±200
±200
nA
MUXOUT Leakage Current
Off Channel
●
±200
±200
nA
ADCIN Input Leakage Current
(Note 9)
●
±1
±1
μA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
1kHz Input Signal
71
dB
THD
Total Harmonic Distortion (Up to 5th Harmonic)
1kHz Input Signal
– 78
dB
SFDR
Spurious-Free Dynamic Range
1kHz Input Signal
80
dB
Peak Harmonic or Spurious Noise
1kHz Input Signal
– 80
dB
DYNAMIC ACCURACY
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
●
2.6
V
VIL
Low Level Input Voltage
VCC = 4.75V
●
0.8
V
IIH
High Level Input Current
VIN = VCC
●
2.5
μA
IIL
Low Level Input Current
VIN = 0V
●
– 2.5
μA
VOH
High Level Output Voltage
VCC = 4.75V, IO = – 10μA
●
4.0
4.64
V
VCC = 4.75V, IO = –360A
●
2.4
4.62
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
●
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
●
±3
μA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
RREF
Reference Input Resistance
CS = VIH
5000
M
Ω
CS = VIL
55
k
Ω
IREF
Reference Current
CS = VCC
●
0.001
2.5
μA
tCYC ≥ 760μs, fCLK ≤ 25kHz
90
μA
tCYC ≥ 60μs, fCLK ≤ 320kHz
●
90
140
μA
ICC
Supply Current
CS = VCC, CLK = VCC, DIN = VCC
●
0.001
±7
μA
tCYC ≥ 760μs, fCLK ≤ 25kHz
320
μA
tCYC ≥ 60μs, fCLK ≤ 320kHz
●
320
690
μA
(Note 5) fSMPL = 16.8kHz
LTC1594CS/LTC1598CG
LTC1594IS/LTC1598IG
The
● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The
● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com