Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1590CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1590CS
Description  Dual Serial 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1590CS Datasheet HTML 4Page - Linear Technology LTC1590CS Datasheet HTML 5Page - Linear Technology LTC1590CS Datasheet HTML 6Page - Linear Technology LTC1590CS Datasheet HTML 7Page - Linear Technology LTC1590CS Datasheet HTML 8Page - Linear Technology LTC1590CS Datasheet HTML 9Page - Linear Technology LTC1590CS Datasheet HTML 10Page - Linear Technology LTC1590CS Datasheet HTML 11Page - Linear Technology LTC1590CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1590
TYPICAL APPLICATIONS
Dual Programmable Gain Amplifier with Input Attenuation
13
14
11
12
15
DATA IN
SERIAL CLOCK
CHIP SELECT/DAC LOAD
DATA OUT
CLEAR
16
98
1
15k
2
10
1590 TA09
3
5
7
1
8
6
4
5
6
2
3
4
VOUT B
VOUT A
5V
1k
VIN B
±10V
7
33pF
0.1
µF
0.01
µF
33pF
15V
–15V
0.01
µF
VOUT = –VIN
4096
16D
()
15k
1k
15k
1k
15k
1k
VIN A
±10V
DAC B
VREF B
RFB B
VREF A
RFB A
DAC A
24-BIT
SHIFT
REG
AND
LATCH
DIN
CLK
CS/LD
DOUT
CLR
DGND
AGND
LTC1590
OUT1 B
OUT2 B
OUT2 A
OUT1 A
+
–
+
–
1/2
LT1358
1/2
LT1358
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
N16 0695
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N Package
16-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com