Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1595 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1595
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1595 Datasheet(HTML) 2 Page - Linear Technology

  LTC1595 Datasheet HTML 1Page - Linear Technology LTC1595 Datasheet HTML 2Page - Linear Technology LTC1595 Datasheet HTML 3Page - Linear Technology LTC1595 Datasheet HTML 4Page - Linear Technology LTC1595 Datasheet HTML 5Page - Linear Technology LTC1595 Datasheet HTML 6Page - Linear Technology LTC1595 Datasheet HTML 7Page - Linear Technology LTC1595 Datasheet HTML 8Page - Linear Technology LTC1595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1595/LTC1596/LTC1596-1
ABSOLUTE MAXIMUM RATINGS
VDD to AGND .............................................. –0.5V to 7V
VDD to DGND .............................................. –0.5V to 7V
AGND to DGND ............................................ VDD + 0.5V
DGND to AGND ............................................. VDD + 0.5V
VREF to AGND, DGND............................................. ±25V
RFB to AGND, DGND .............................................. ±25V
Digital Inputs to DGND ................ – 0.5V to (VDD + 0.5V)
PACKAGE/ORDER I FOR ATIO
VOUT1, VOUT2 to AGND ................. –0.5V to (VDD + 0.5V)
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range
LTC1595C/LTC1596C/LTC1596-1C ........ 0
°C to 70°C
LTC1595I/LTC1596I/LTC1596-1I ...... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
OUT1
OUT2
AGND
STB1
LD1
SRO
SRI
STB2
RFB
VREF
VDD
CLR
DGND
STB4
STB3
LD2
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 130°C/W (SW)
ORDER PART NUMBER
LTC1596-1AIN
LTC1596-1AISW
LTC1596-1BIN
LTC1596-1BISW
LTC1596-1CIN
LTC1596-1CISW
LTC1596-1ACN
LTC1596-1ACSW
LTC1596-1BCN
LTC1596-1BCSW
LTC1596-1CCN
LTC1596-1CCSW
LTC1596AIN
LTC1596AISW
LTC1596BIN
LTC1596BISW
LTC1596CIN
LTC1596CISW
LTC1596ACN
LTC1596ACSW
LTC1596BCN
LTC1596BCSW
LTC1596CCN
LTC1596CCSW
1
2
3
4
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
8
7
6
5
VREF
RFB
OUT1
GND
VDD
CLK
SRI
LD
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 190°C/W (S)
ELECTRICAL CHARACTERISTICS
VDD = 5V ±10%, VREF = 10V, VOUT1 = VOUT2 = AGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
LTC1595AIN8
LTC1595AIS8
LTC1595BIN8
LTC1595BIS8
LTC1595CIN8
LTC1595CIS8
LTC1595ACN8
LTC1595ACS8
LTC1595BCN8
LTC1595BCS8
LTC1595CCN8
LTC1595CCS8
ORDER PART NUMBER
S8 PART MARKING
1595A
1595B
1595C
1595AI
1595BI
1595CI
Consult factory for Military grade parts.
LTC1595C/96C/96-1C
LTC1595B/96B/96-1B
LTC1595A/96A/96-1A
(Note 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
16
16
16
Bits
Monotonicity
q
16
16
15
Bits
INL
Integral Nonlinearity
(Note 2) TA = 25°C
±0.25
± 1
±2
±4
LSB
TMIN to TMAX
q
±0.35
±1
±2
±4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com