Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1606C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1606C
Description  16-Bit, 250ksps, Single Supply ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1606C Datasheet HTML 3Page - Linear Technology LTC1606C Datasheet HTML 4Page - Linear Technology LTC1606C Datasheet HTML 5Page - Linear Technology LTC1606C Datasheet HTML 6Page - Linear Technology LTC1606C Datasheet HTML 7Page - Linear Technology LTC1606C Datasheet HTML 8Page - Linear Technology LTC1606C Datasheet HTML 9Page - Linear Technology LTC1606C Datasheet HTML 10Page - Linear Technology LTC1606C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1606
Conversion Details
The LTC1606 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 16-bit or two byte parallel output. The
ADC is complete with a precision reference and an internal
clock. The control logic provides easy interface to micro-
processors and DSPs. (Please refer to the Digital Interface
section for the data format.)
Conversion start is controlled by the CS and R/C inputs. At
the start of conversion the successive approximation
register (SAR) is reset. Once a conversion cycle has
begun, it cannot be restarted.
During the conversion, the internal 16-bit capacitive DAC
output is sequenced by the SAR from the most significant
bit (MSB) to the least significant bit (LSB). Referring to
Figure 1, VIN is connected through the resistor divider to
the sample-and-hold capacitor during the acquire phase
and the comparator offset is nulled by the autozero switches.
In this acquire phase, a minimum delay of 1.5
µs will
provide enough time for the sample-and-hold capacitor to
acquire the analog signal. During the convert phase, the
autozero switches open, putting the comparator into the
compare mode. The input switch switches CSAMPLE to
ground, injecting the analog input charge onto the sum-
ming junction. This input charge is successively com-
pared with the binary-weighted charges supplied by the
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the DAC output
balances the VIN input charge. The SAR contents (a 16-bit
data word) that represents the VIN are loaded into the
16-bit output latches.
Driving the Analog Inputs
The nominal input range for the LTC1606 is
±10V or
(
±4 • VREF)andtheinputisovervoltageprotectedto±25V.
The input impedance is typically 10k
Ω,therefore,itshould
be driven with a low impedance source. Wideband noise
coupling into the input can be minimized by placing a
1000pF capacitor at the input as shown in Figure 2. An
NPO-type capacitor gives the lowest distortion. Place the
capacitor as close to the device input pin as possible. If an
amplifier is to be used to drive the input, care should be
taken to select an amplifier with adequate accuracy, linear-
ity and noise for the application. The following list is a
summary of the op amps that are suitable for driving the
LTC1606. More detailed information is available in the
Linear Technology data books and LinearView
TM CD-ROM.
LT1007 - Low noise precision amplifier. 2.7mA supply
current
±5V to ±15V supplies. Gain bandwidth product
8MHz. DC applications.
LT1097 - Low cost, low power precision amplifier. 300
µA
supply current.
±5V to ±15V supplies. Gain bandwidth
product 0.7MHz. DC applications.
LT1227 - 140MHz video current feedback amplifier. 10mA
supply current.
±5V to ±15V supplies. Low noise and low
distortion.
LT1360 - 37MHz voltage feedback amplifier. 3.8mA sup-
ply current.
±5V to ±15V supplies. Good AC/DC specs.
LT1363 - 50MHz voltage feedback amplifier. 6.3mA sup-
ply current. Good AC/DC specs.
LT1364/LT1365 - Dual and quad 50MHz voltage feedback
amplifiers. 6.3mA supply current per amplifier. Good AC/
DC specs.
LT1468 - 90MHz 22V/
µs 16-bit accurate amplifier.
VDAC
1606 • F01
+
–
CDAC
DAC
SAMPLE
HOLD
CSAMPLE
S
A
R
16-BIT
LATCH
COMPARATOR
SAMPLE
SI
RIN2
RIN1
VIN
APPLICATIONS INFORMATION
Figure 1. LTC1606 Simplified Equivalent Circuit
1606 • F02
1000pF
33.2k
VIN
CAP
AIN
200
Ω
Figure 2. Analog Input Filtering
LinearView is a trademark of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com