Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1627CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1627CS8 Datasheet HTML 7Page - Linear Technology LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology LTC1627CS8 Datasheet HTML 10Page - Linear Technology LTC1627CS8 Datasheet HTML 11Page - Linear Technology LTC1627CS8 Datasheet HTML 12Page - Linear Technology LTC1627CS8 Datasheet HTML 13Page - Linear Technology LTC1627CS8 Datasheet HTML 14Page - Linear Technology LTC1627CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1627
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady-state
value. During this recovery time VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. The internal compensation provides adequate com-
pensation for most applications. But if additional compen-
sation is required, the ITH pin can be used for external
compensation as shown in Figure 7.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
APPLICATIONS INFORMATION
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor would require a 250µs rise time,
limiting the charging current to about 130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1627. These items are also illustrated graphically in
the layout diagram of Figure 7. Check the following in your
layout:
1. Are the signal and power grounds segregated? The
LTC1627 signal ground consists of the resistive
divider, the optional compensation network (RC and
CC1), CSS and CC2. The power ground consists of the
(–) plate of CIN, the (–) plate of COUT and Pin 4 of the
LTC1627. The power ground traces should be kept
short, direct and wide. The signal ground and power
ground should converge to a common node in a star-
ground configuration.
2. Does the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of COUT and signal ground.
Figure 7. LTC1627 Layout Diagram
CC2
CC1
RC
OPTIONAL
OPTIONAL
CSS
COUT
CIN
D1
D2
CV
CB
L1
R2
R1
BOLD LINES INDICATE
HIGH CURRENT PATHS
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
VIN
1627 F07
+
–
VOUT
+
–
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com