Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1625IS Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1625IS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IS Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1625IS Datasheet HTML 16Page - Linear Technology LTC1625IS Datasheet HTML 17Page - Linear Technology LTC1625IS Datasheet HTML 18Page - Linear Technology LTC1625IS Datasheet HTML 19Page - Linear Technology LTC1625IS Datasheet HTML 20Page - Linear Technology LTC1625IS Datasheet HTML 21Page - Linear Technology LTC1625IS Datasheet HTML 22Page - Linear Technology LTC1625IS Datasheet HTML 23Page - Linear Technology LTC1625IS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1625
TYPICAL APPLICATIONS
3.3V/4A Fixed Output with 12V/120mA Auxiliary Output
+
CSS
0.1
µF
RC
10k
CC1
470pF
CC2
220pF
M2
IRLR3103
CIN: SANYO 30SC10M
COUT: AVX TPSD107M010R0065
CSEC: AVX TAJB335M035R
T1: BH ELECTRONICS 510-1079
*YES! USE A STANDARD RECOVERY DIODE
D1
MBRS140T3
M1
IRLR3103
CVCC
4.7
µF
1625 TA04
EXT
CLK
CB
0.22
µF
DB
CMDSH-3
RF
4.7
Ω
CF
0.1
µF
CIN
10
µF
30V
×2
VIN
6V TO 20V
CSEC
3.3
µF
35V
C1
0.01
µF
M3
NDT410EL
DS
SM4003TR*
D2
CDMSH-3
T1
8
µH
1:2.53
R1
4.7k
R4
95.3k
1%
R3
11k
1%
+
+
COUT
100
µF
10V
0.065
Ω
×3
VSEC
12V
120mA
VOUT
3.3V
4A
+
RS
100k
•
•
CS
0.1
µF
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
12V/2.2A Adjustable Output
+
CIN: AVX TPSE226M020R0300
COUT: AVX TPSE686M020R0150
L1: SUMIDA CDRH127-270MC
CSS
0.1
µF
RC
22k
CC
470pF
CIN
22
µF
35V
×2
VIN
12.5V TO 28V
VOUT
12V
2A
R2
35.7k
1%
R1
3.92k
1%
M2
Si4412DY
M1
Si4412DY
CVCC
4.7
µF
1625TA06
OPEN
CB
0.1
µF
DB
CMDSH-3
L1
27
µH
+
COUT
68
µF
20V
0.15
Ω
×2
+
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CF
0.1
µF
RF
4.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com