Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH118 Datasheet(PDF) 1 Page - Linear Technology

Part # RH118
Description  Precision, High Speed Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH118 Datasheet(HTML) 1 Page - Linear Technology

  RH118_15 Datasheet HTML 1Page - Linear Technology RH118_15 Datasheet HTML 2Page - Linear Technology RH118_15 Datasheet HTML 3Page - Linear Technology RH118_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH118
Precision, High Speed
Operational Amplifier
The RH118 is a precision, high speed operational amplifier
which offers wide bandwidth and high slew rate. Unlike
many wideband amplifiers, the RH118 is unity-gain stable
and has a slew rate of 50V/
µs.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
Supply Voltage ......................................................
±20V
Differential Input Current (Note 1) ......................
±10mA
Input Voltage (Note 2) ..........................................
±20V
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range .............. – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Each Amplifier)
, LTC and LT are registered trademarks of Linear Technology Corporation.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
+
20V
–20V
2
3
200
10k
10k
4
6
7
+
20V
3V
–20V
RH118 BI
2
3
249k
4
6
301
7
PACKAGE/ORDER INFORMATION
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
NC
COMP1
–INPUT
+INPUT
V
NC
COMP2
V+
OUTPUT
COMP3
TOP VIEW
V+
COMP2
COMP1
–IN
OUT
COMP3
+IN
V(CASE)
8
7
6
5
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
3
1
2
3
4
8
7
6
5
TOP VIEW
COMP1
–IN
+IN
V
COMP2
V+
OUT
COMP3
J8 PACKAGE
8-LEAD CERDIP
OR
BURN-IN CIRCUIT


Similar Part No. - RH118_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
More results

Similar Description - RH118_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
Precision, High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com