Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1645C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1645C
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645C Datasheet(HTML) 2 Page - Linear Technology

  LTC1645C Datasheet HTML 1Page - Linear Technology LTC1645C Datasheet HTML 2Page - Linear Technology LTC1645C Datasheet HTML 3Page - Linear Technology LTC1645C Datasheet HTML 4Page - Linear Technology LTC1645C Datasheet HTML 5Page - Linear Technology LTC1645C Datasheet HTML 6Page - Linear Technology LTC1645C Datasheet HTML 7Page - Linear Technology LTC1645C Datasheet HTML 8Page - Linear Technology LTC1645C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1645
Supply Voltage (VCC1, VCC2) ................................. 13.2V
Input Voltage
FB, ON, COMP+ ..................... – 0.3V to (VCC1 + 0.3V)
TIMER ................................................. – 0.3V to 2.5V
SENSE1 ..................... (VCC1 – 0.7V) to (VCC1 + 0.3V)
SENSE2 ...................... (VCC1 – 0.7V) to (VCC2 + 0.3V)
Output Voltage
RESET, COMPOUT, FAULT .....................– 0.3V to 16V
GATE1, GATE2 ................. Internally Limited (Note 3)
Output Current
GATE1, GATE2 ...............................................
±20mA
Operating Temperature Range
LTC1645C ............................................... 0
°C to 70°C
LTC1645I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICC1
VCC1 Supply Current
ON = VCC1 = 5V, VCC2 = 3.3V
q
1.1
2.0
mA
ICC2
VCC2 Supply Current
ON = VCC1 = 5V, VCC2 = 3.3V
q
0.28
0.4
mA
VLKO1
VCC1 Undervoltage Lockout
High to Low
q
2.16
2.23
2.3
V
VLKO2
VCC2 Undervoltage Lockout
High to Low
q
1.06
1.12
1.18
V
VLKHn
VCCn Undervoltage Lockout Hysteresis
25
mV
VFB
FB Pin Voltage Threshold
High to Low
q
1.226
1.238
1.250
V
∆VFB
FB Pin Threshold Line Regulation
High to Low, VCC1 = 2.375V to 12V
q
14
mV
VFBHST
FB Pin Voltage Threshold Hysteresis
5
mV
VCOMP
COMP+ Pin Voltage Threshold
High to Low
q
1.226
1.238
1.250
V
∆VCOMP
COMP+ Pin Threshold Line Regulation
High to Low, VCC1 = 2.375V to 12V
q
14
mV
VCOMPHST
COMP+ Pin Voltage Threshold Hysteresis
5
mV
(Note 1)
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
2.375V
≤ VCC1 ≤ 12V, 1.2V ≤ VCC2 ≤ 12V unless otherwise noted (Note 2).
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC2
SENSE2
GATE2
FAULT
RESET
FB
GND
VCC1
SENSE1
GATE1
TIMER
ON
COMPOUT
COMP+
TJMAX = 125°C, θJA = 110°C/ W
TOP VIEW
VCC1
SENSE1
GATE1
ON
VCC2
SENSE2
GATE2
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 125°C, θJA = 150°C/ W
ORDER PART
NUMBER
S8 PART MARKING
1645
1645I
LTC1645CS8
LTC1645IS8
ORDER PART
NUMBER
LTC1645CS
LTC1645IS
Consult factory for Military grade parts.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com