Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2N60S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60S
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60S Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM2N60S
Taiwan Semiconductor
Document Number: DS_P0000066
2
Version: B15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
600
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
--
4
V
Gate Body Leakage
VGS =±30V, VDS =0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS =600V, VGS =0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
VGS =10V, ID =0.6A
RDS(ON)
--
3.6
5
Ω
Forward Transconductance
VDS = 10V, ID = 0.2A
gfs
--
0.8
--
S
Dynamic
(Note 4)
Total Gate Charge
VDS =400V, ID =0.6A,
VGS = 10V
Qg
--
13
--
nC
Gate-Source Charge
Qgs
--
2
--
Gate-Drain Charge
Qgd
--
6
--
Input Capacitance
VDS =25V, VGS =0V,
f =1.0MHz
Ciss
--
435
--
pF
Output Capacitance
Coss
--
56
--
Reverse Transfer Capacitance
Crss
--
9.2
--
Switching
(Note 5)
Turn-On Delay Time
VGS =10V, ID =0.6A,
VDD =300V, RG =18Ω,
td(on)
--
12
--
ns
Turn-On Rise Time
tr
--
21
--
Turn-Off Delay Time
td(off)
--
30
--
Turn-Off Fall Time
tf
--
24
--
Source-Drain Diode
(Note 3)
Forward On Voltage
IS = 8A, VGS = 0V
VSD
--
0.85
1.15
V
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
Pulse test: PW ≤ 300µs, duty cycle ≤ 2%
4.
For DESIGN AID ONLY, not subject to production testing.
5.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com