Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1650 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1650
Description  Low Glitch 16-Bit Voltage Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650 Datasheet(HTML) 4 Page - Linear Technology

  LTC1650 Datasheet HTML 1Page - Linear Technology LTC1650 Datasheet HTML 2Page - Linear Technology LTC1650 Datasheet HTML 3Page - Linear Technology LTC1650 Datasheet HTML 4Page - Linear Technology LTC1650 Datasheet HTML 5Page - Linear Technology LTC1650 Datasheet HTML 6Page - Linear Technology LTC1650 Datasheet HTML 7Page - Linear Technology LTC1650 Datasheet HTML 8Page - Linear Technology LTC1650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1650
ELECTRICAL CHARACTERISTICS
AVDD = 4.75V to 5.25V, AVSS = – 4.75V to – 5.25V, DVDD = 4.75V to 5.25V, REFLO = 0V, REFHI = 4.096V, VOUT unloaded,
TA = TMIN to TMAX unless otherwise noted.
Note 4: To
±1LSB. Unipolar mode. DAC switched between all 1s and all 0s.
Note 5: Digital Inputs at 0V or DVDD.
Note 6: Measured at VOUT. REFHI = REFLO = 0V, unipolar mode.
Note 7: When part powers up or when it is reset, the output is connected
to VRST through this switch.
Note 8: Reset is active when any supply goes below this threshold.
Note 9: REFLO = 0V, REFHI = VREF. For REFLO ≠ 0V see Operation section.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity is defined from code 0 to code 65535 (full scale)
(end point INL, see Definitions section).
Note 3: Guaranteed by design. Not subject to test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O Characteristics
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
VOH
Digital Output High Voltage
IOUT = –1mA, DOUT Only
q
VCC – 1.0
V
VOL
Digital Output Low Voltage
IOUT = 1mA, DOUT Only
q
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
q
±10
µA
CIN
Digital Input Capacitance
(Note 3)
10
pF
Reset Characteristics
RON
VOUT and VRST Switch Resistance
VRST = 0.5V (Note 7)
q
200
500
Ω
Threshold Voltage for Reset
AVDD or DVDD (Note 8)
q
1.5
2.5
3.2
V
AVSS(Note 8)
q
1.5
2.5
3.2
V
Switching Characteristics
t1
DIN Valid to CLK Setup
q
40
ns
t2
DIN Valid to CLK Hold
q
0ns
t3
CLK High Time
(Note 3)
q
40
ns
t4
CLK Low Time
(Note 3)
q
40
ns
t5
CS/LD Pulse Width
(Note 3)
q
50
ns
t6
LSB CLK to CS/LD
(Note 3)
q
40
ns
t7
CS/LD Low to CLK
(Note 3)
q
20
ns
t8
DOUT Output Delay
CLOAD = 100pF
q
5
45
150
ns
t9
CLK Low to CS/LD Low
(Note 3)
q
20
ns
t10
CLR Pulse Width
q
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com