Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM6N60CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6N60CPROG
Description  600V N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6N60CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM6N60CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM6N60
600V N-Channel Power MOSFET
1/8
Version: B14
TO-251
(IPAK)
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (A)
600
1.25 @ VGS =10V
6
Features
● High power and current handing capability.
● Low RDS(ON) 1.25Ω (Max.)
● Low gate charge typical @ 20.7nC (Typ.)
Ordering Information
Part No.
Package
Packing
TSM6N60CH C5G
TO-251
75pcs / Tube
TSM6N60CP ROG
TO-252
2.5kpcs / 13” Reel
Note: “G” denotes for Halogen Free
Absolute Maximum Ratings (Tc = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
6
A
Tc = 100ºC
4.2
A
Pulsed Drain Current
(Note 1)
IDM
24
A
Single Pulse Avalanche Energy
(Note 2)
EAS
180
mJ
Total Power Dissipation @ TC = 25
oC
PTOT
89
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Note1: Repetitive Rating : Pulse width limited by maximum junction temperature.
Note2: L=10mH, IAS =6.0A, VDD = 50V, RG = 25Ω, Starting TJ = 25ºC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
1.4
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
50
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM6N60CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6N60 TSC-TSM6N60 Datasheet
147Kb / 5P
600V N-Channel Power MOSFET
More results

Similar Description - TSM6N60CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com