Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1655 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 3 Page - Linear Technology

  LTC1655 Datasheet HTML 1Page - Linear Technology LTC1655 Datasheet HTML 2Page - Linear Technology LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1655
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
VOH
Digital Output High Voltage
IOUT = – 1mA, DOUT Only
q
VCC – 1
V
VOL
Digital Output Low Voltage
IOUT = 1mA, DOUT Only
q
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
µA
CIN
Digital Input Capacitance
(Note 6)
10
pF
Switching
t1
DIN Valid to CLK Setup
VCC = 5V
q
40
ns
t2
DIN Valid to CLK Hold
VCC = 5V
q
0ns
t3
CLK High Time
VCC = 5V (Note 6)
q
40
ns
t4
CLK Low Time
VCC = 5V (Note 6)
q
40
ns
t5
CS/LD Pulse Width
VCC = 5V (Note 6)
q
50
ns
t6
LSB CLK to CS/LD
VCC = 5V (Note 6)
q
40
ns
t7
CS/LD Low to CLK
VCC = 5V (Note 6)
q
20
ns
t8
DOUT Output Delay
VCC = 5V, CLOAD = 15pF
q
0
120
ns
t9
CLK Low to CS/LD Low
VCC = 5V (Note 6)
q
20
ns
Reference Output
Reference Output Voltage
q
2.036
2.048
2.060
V
Reference Input Range
(Notes 5, 6)
2.2
VCC/2
V
Reference Output Tempco
5
ppm/
°C
Reference Input Resistance
REF Overdriven to 2.2V
q
8.5
13
k
Ω
Reference Short-Circuit Current
q
40
100
mA
Reference Output Line Regulation
VCC = 4.5V to 5.5V
q
±1.5
mV/V
Reference Load Regulation
IOUT = 100µA
q
0.5
mV
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity is defined from code 128 to code 65535 (full scale).
See Applications Information.
Note 3: DAC switched between all 1s and code 400.
Note 4: Digital inputs at 0V or VCC.
Note 5: Reference can be overdriven (see Applications Information).
Note 6: Guaranteed by design. Not subject to test.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 4.5V to 5.5V, VOUT unloaded, REF unloaded, TA = TMIN to TMAX, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com