Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1655C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1655C
Description  16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655C Datasheet(HTML) 2 Page - Linear Technology

  LTC1655C Datasheet HTML 1Page - Linear Technology LTC1655C Datasheet HTML 2Page - Linear Technology LTC1655C Datasheet HTML 3Page - Linear Technology LTC1655C Datasheet HTML 4Page - Linear Technology LTC1655C Datasheet HTML 5Page - Linear Technology LTC1655C Datasheet HTML 6Page - Linear Technology LTC1655C Datasheet HTML 7Page - Linear Technology LTC1655C Datasheet HTML 8Page - Linear Technology LTC1655C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1655
ABSOLUTE MAXIMUM RATINGS
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
LTC1655CN8
LTC1655IN8
LTC1655CS8
LTC1655IS8
S8 PART MARKING
1655
1655I
Consult factory for Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
16
Bits
Monotonicity
q
16
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
q
±0.3
±1.0
LSB
INL
Integral Nonlinearity
REF = 2.2V (External) (Note 2)
q
±8
±20
LSB
ZSE
Zero Scale Error
q
03
mV
VOS
Offset Error
Measured at Code 200, REF = 2.2V (External)
q
±0.5
±3mV
VOSTC
Offset Error Tempco
±5
µV/°C
Gain Error
REF = 2.2V (External)
q
±5
±16
LSB
Gain Error Drift
0.5
ppm/
°C
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
4.5
5.5
V
ICC
Supply Current
4.5V
≤ VCC ≤ 5.5V (Note 4)
q
600
1200
µA
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
70
120
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
80
140
mA
Output Impedance to GND
Input Code = 0
q
40
120
Ω
Output Line Regulation
Input Code = 65535, VCC = 4.5V to 5.5V,
q
±3
mV/V
with Internal Reference
AC Performance
Voltage Output Slew Rate
(Note 3)
q
±0.3
±0.7
V/
µs
Voltage Output Settling Time
(Note 3) to 0.0015% (16-Bit Settling Time)
20
µs
(Note 3) to 0.012% (13-Bit Settling Time)
10
µs
Digital Feedthrough
0.3
nV -s
Midscale Glitch Impulse
DAC Switch Between 8000 and 7FFF
12
nV-s
(Note 1)
VCC to GND .............................................. –0.5V to 7.5V
TTL Input Voltage .................................... – 0.5V to 7.5V
VOUT, REF ....................................... –0.5V to VCC + 0.5V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC1655C .............................................. 0
°C to 70°C
LTC1655I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
1
2
3
4
8
7
6
5
TOP VIEW
VCC
VOUT
REF
GND
CLK
DIN
CS/LD
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 125°C, θJA = 100°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 4.5V to 5.5V, VOUT unloaded, REF unloaded, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com