Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3B-445-TL Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # B3B-445-TL
Description  B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

B3B-445-TL Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  B3B-445-TL Datasheet HTML 1Page - Roithner LaserTechnik GmbH B3B-445-TL Datasheet HTML 2Page - Roithner LaserTechnik GmbH B3B-445-TL Datasheet HTML 3Page - Roithner LaserTechnik GmbH B3B-445-TL Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
03.04.2013
B3B-445-TL
1 of 4
B3B-445-TL
TECHNICAL DATA
LED, 3 mm
AlGaInP
B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens.
On forward bias it emits a band of orange light with a peak at 630 nm.
Specifications
(Unit: mm)
• Structure: AlGaInP
• Peak Wavelength: typ. 630 nm
• Optical Output Power: typ. 7 cd
• Package: 3 mm clear epoxy
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
125
mW
Forward Current
IF
50
mA
Pulse Forward Current *
1
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
TOPR
-40 … +85
°C
Storage Temperature
TSTG
-40 … +85
°C
Soldering Temperature *²
TSOL
260
°C
*
1
1/10 duty cycle @ 1 KHz
*² 1.6mm from body, must be completed within 3 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
2.2
2.7
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Luminous Intensity
IV
IF = 20 mA
4.9
7.0
-
cd
Peak Wavelength
λ
P
IF = 20 mA
-
630
-
nm
Dominant Wavelength
λ
D
IF = 20 mA
-
625
-
nm
Spectrum Radiation Bandwidth
Δλ
IF = 20 mA
-
20
-
nm
Viewing Angle *
2Θ
1/2
IF = 20 mA
-
15
-
deg.
* Tolerance: -10 / +5 deg.
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - B3B-445-TL

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B3B-445-30 ROITHNER-B3B-445-30 Datasheet
128Kb / 3P
super bright led lamp
B3B-445-30S ROITHNER-B3B-445-30S Datasheet
266Kb / 4P
B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
More results

Similar Description - B3B-445-TL

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B3B-443-B525 ROITHNER-B3B-443-B525 Datasheet
264Kb / 4P
B3B-443-B525 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B3B-445-30S ROITHNER-B3B-445-30S Datasheet
266Kb / 4P
B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5-433-20 ROITHNER-B5-433-20 Datasheet
196Kb / 4P
B5-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-433-014 ROITHNER-B5B-433-014 Datasheet
213Kb / 4P
B5B-433-014 is a GaP LED mounted on a lead frame with a clear epoxy lens
B5B-433-20 ROITHNER-B5B-433-20 Datasheet
187Kb / 4P
B5B-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-434-TY ROITHNER-B5B-434-TY Datasheet
189Kb / 4P
B5B-434-TY is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-435-30 ROITHNER-B5B-435-30 Datasheet
272Kb / 4P
B5B-435-30 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-435-30S ROITHNER-B5B-435-30S Datasheet
193Kb / 4P
B5B-435-30S is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-435-TL ROITHNER-B5B-435-TL Datasheet
194Kb / 4P
B5B-435-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-437-IX ROITHNER-B5B-437-IX Datasheet
189Kb / 4P
B5B-437-IX is a InGaN LED mounted on a lead frame with a clear epoxy lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com