Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1668CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1668CG
Description  16-Bit, 50Msps DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1668CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1668CG Datasheet HTML 1Page - Linear Technology LTC1668CG Datasheet HTML 2Page - Linear Technology LTC1668CG Datasheet HTML 3Page - Linear Technology LTC1668CG Datasheet HTML 4Page - Linear Technology LTC1668CG Datasheet HTML 5Page - Linear Technology LTC1668CG Datasheet HTML 6Page - Linear Technology LTC1668CG Datasheet HTML 7Page - Linear Technology LTC1668CG Datasheet HTML 8Page - Linear Technology LTC1668CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1668
LTC1668CG
LTC1668IG
TJMAX = 110°C, θJA = 100°C/W
ORDER PART
NUMBER
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DB14
DB15 (MSB)
CLK
VDD
DGND
VSS
COMP2
COMP1
IOUT A
IOUT B
LADCOM
AGND
IREFIN
REFOUT
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V, VSS = – 5V, LADCOM = AGND = DGND = 0V, IOUTFS = 10mA.
(Note 1)
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS) ............................... – 6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Digital Input Voltage .................... – 0.3V to (VDD + 0.3V)
Analog Output Voltage
(IOUT A and IOUT B) ........ (VSS – 0.3V) to (VDD + 0.3V)
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1668C .............................................. 0
°C to 70°C
LTC1668I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Accuracy (Measured at IOUTA, Driving a Virtual Ground)
Resolution
16
Bits
Monotonicity
14
Bits
INL
Integral Nonlinearity
±8
LSB
DNL
Differential Nonlinearity
±1
±4
LSB
Offset Error
0.1
±0.2
% FSR
Offset Error Drift
5
ppm/
°C
GE
Gain Error
Internal Reference, RIREFIN = 2k
2
% FSR
External Reference, VREF = 2.5V, RIREFIN = 2k
1
% FSR
Gain Error Drift
Internal Reference
75
ppm/
°C
External Reference
50
ppm/
°C
PSRR
Power Supply Rejection Ratio
VDD = 5V ±5%
±0.1
% FSR/V
VSS = –5V ±5%
±0.1
% FSR/V
Analog Output
IOUTFS
Full-Scale Output Current
q
110
mA
Output Compliance Range
IFS = 10mA
q
–1
1
V
Output Resistance; RIOUTA, RIOUTB
IOUTA, B to LADCOM
q
0.7
1.1
1.5
k
Ω
Output Capacitance
5pF
Reference Output
Reference Voltage
REFOUT Tied to IREFIN Through 2kΩ
2.475
2.5
2.525
V
Reference Output Drift
25
ppm/
°C
Reference Output Load Regulation
ILOAD = 0mA to 5mA
6
mV/mA
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com