Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1685CS8
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1685CS8 Datasheet HTML 1Page - Linear Technology LTC1685CS8 Datasheet HTML 2Page - Linear Technology LTC1685CS8 Datasheet HTML 3Page - Linear Technology LTC1685CS8 Datasheet HTML 4Page - Linear Technology LTC1685CS8 Datasheet HTML 5Page - Linear Technology LTC1685CS8 Datasheet HTML 6Page - Linear Technology LTC1685CS8 Datasheet HTML 7Page - Linear Technology LTC1685CS8 Datasheet HTML 8Page - Linear Technology LTC1685CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1685
DC ELECTRICAL CHARACTERISTICS
VDD = 5V ±5%, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
– 7V
≤ VCM ≤ 12V
q
22
k
Ω
CIN
Input Capacitance
A, B Inputs, D, DE, RE
3
pF
Open-Circuit Input Voltage, Figure 5
VDD = 5V (Note 4)
q
3.2
3.3
3.4
V
Fail-Safe
Time to Detect Fail-Safe Condition
2
µs
Time
CMRR
Receiver Input Common Mode
VCM = 2.6V, f = 26MHz
45
dB
Rejection Ratio
CLOAD
Receiver and Driver Output
(Note 4)
q
500
pF
Load Capacitance
VDD = 5V, unless otherwise noted. (Notes 2, 3)
SWITCHING CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into the device pins are positive; all currents out of the
device pins are negative.
Note 3: All typicals are given for VDD = 5V, TA = 25°C.
Note 4: Guaranteed by design, but not tested.
Note 5: Short-circuit current does not represent output drive capability.
When the output detects a short-circuit condition, output drive current is
significantly reduced (from hundreds of mA to 20mA max) until the short
is removed.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH, tPHL
Driver Input-to-Output Propagation Delay
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
15
18.5
22
ns
Figures 3, 5
tSKEW
Driver Output A-to-Output B Skew
RDIFF = 54Ω, CL1 = CL2 = 100pF,
500
ps
Figures 3, 5
tr, tf
Driver Rise/Fall Time
RDIFF = 54Ω, CL1 = CL2 = 100pF,
3.5
ns
Figures 3, 5
tZH
Driver Enable to Output High
CL = 100pF, S2 Closed, Figures 4, 6
q
25
50
ns
tZL
Driver Enable to Output Low
CL = 100pF, S1 Closed, Figures 4, 6
q
25
50
ns
tLZ
Driver Disable from Low
CL = 15pF, S1 Closed, Figures 4, 6
q
25
50
ns
tHZ
Driver Disable from High
CL = 15pF, S2 Closed, Figures 4, 6
q
25
50
ns
tPLH, tPHL
Receiver Input-to-Output Propagation Delay
CL = 15pF, Figures 3, 7
q
15
18.5
22
ns
tSQD
Receiver Skew
tPLH – tPHL
CL = 15pF, Figures 3, 7
500
ps
tZL
Receiver Enable to Output Low
CL = 15pF, S1 Closed, Figures 2, 8
q
25
50
ns
tZH
Receiver Enable to Output High
CL = 15pF, S2 Closed, Figures 2, 8
q
25
50
ns
tLZ
Receiver Disable from Low
CL = 15pF, S1 Closed, Figures 2, 8
q
25
50
ns
tHZ
Receiver Disable from High
CL = 15pF, S2 Closed, Figures 2, 8
q
25
50
ns
Maximum Receiver Input
(Note 4)
q
2000
ns
Rise/Fall Times
tPKG-PKG
Package-to-Package Skew
Same Temperature (Note 4)
1.5
ns
Minimum Input Pulse Width
VDD = 5V ± 5% (Note 4)
q
17
19.2
ns
Maximum Data Rate
VDD = 5V ± 5% (Note 4)
q
52
60
Mbps
Maximum Input Frequency
VDD = 5V ± 5% (Note 4)
q
26
30
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com