Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1689 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 3 Page - Linear Technology

  LTC1689 Datasheet HTML 1Page - Linear Technology LTC1689 Datasheet HTML 2Page - Linear Technology LTC1689 Datasheet HTML 3Page - Linear Technology LTC1689 Datasheet HTML 4Page - Linear Technology LTC1689 Datasheet HTML 5Page - Linear Technology LTC1689 Datasheet HTML 6Page - Linear Technology LTC1689 Datasheet HTML 7Page - Linear Technology LTC1689 Datasheet HTML 8Page - Linear Technology LTC1689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1688/LTC1689
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VOC
Change in Magnitude of Driver Common
R = 25
Ω or 50Ω, Figure 1
0.1
V
Mode Output Voltage for Complementary
Output States
VIH
Input High Voltage
EN, ENB, EN12, EN34, DI
q
1.4
V
VIL
Input Low Voltage
EN, ENB, EN12, EN34, DI
q
0.5
V
IIN1
Input Current
EN, ENB, EN12, EN34, DI (Note 3)
q
±1
µA
IOZ
Three-State (High Impedance)
VOUT = – 7V to 10V (Note 3)
q
±1
±200
µA
Output Current
IDD
Supply Current of Entire Device
No Load, Digital Input Pins = 0V or VDD
5mA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH
VOUT = – 7V to 8V (Note 3)
q
±20
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW
VOUT = – 7V to 8V (Note 3)
q
±20
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into the device pins are positive; all currents out of the
device pins are negative.
Note 3: Guaranteed by design or correlation, but not tested.
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 5V, TA = 25°C, Unless Otherwise Noted (Note 2)
tPLH, tPHL
Driver Input-to-Output Propagation Delay
RDIFF = 50Ω, CL1 = CL2 = 25pF,
q
48
12
ns
Figures 2, 4
tSKEW
Driver Output-to-Output Skew
RDIFF = 50Ω, CL1 = CL2 = 25pF,
500
ps
Figures 2, 4
tr, tf
Driver Rise/Fall Time
RDIFF = 50Ω, CL1 = CL2 = 25pF,
2
ns
Figures 2, 4
tZH
Driver Enable to Output High
CL = 25pF, S2 Closed, Figures 3, 5
q
10
35
ns
tZL
Driver Enable to Output Low
CL = 25pF, S1 Closed, Figures 3, 5
q
10
35
ns
tLZ
Driver Disable from Low
CL = 15pF, S1 Closed, Figures 3, 5
q
25
65
ns
tHZ
Driver Disable from High
CL = 15pF, S2 Closed, Figures 3, 5
q
25
65
ns
CL(MAX)
Maximum Output Capacitive Load
(Note 3)
q
200
pF
Maximum Data Rate
(Note 3)
q
100
Mbps
Maximum Driver Input Rise/Fall Time
(Note 3)
q
500
ns
VDD = 3V, TA = 25°C, Unless Otherwise Noted (Note 2)
tPLH, tPHL
Driver Input-to-Output Propagation Delay
RDIFF = 50Ω, CL1 = CL2 = 25pF,
11
ns
Figures 2, 4
tSKEW
Driver Output-to-Output Skew
RDIFF = 50Ω, CL1 = CL2 = 25pF,
1
ns
Figures 2, 4
tr, tf
Driver Rise/Fall Time
RDIFF = 50Ω, CL1 = CL2 = 25pF,
4
ns
Figures 2, 4
tZH
Driver Enable to Output High
CL = 25pF, S2 Closed, Figures 3, 5
25
ns
tZL
Driver Enable to Output Low
CL = 25pF, S1 Closed, Figures 3, 5
25
ns
tLZ
Driver Disable from Low
CL = 15pF, S1 Closed, Figures 3, 5
50
ns
tHZ
Driver Disable from High
CL = 15pF, S2 Closed, Figures 3, 5
50
ns
CL(MAX)
Maximum Output Capacitive Load
(Note 3)
q
200
pF
Maximum Data Rate
50
Mbps
Maximum Driver Input Rise/Fall Time
(Note 3)
q
500
ns
DC ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com