Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1665IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1665IGN
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1665IGN Datasheet HTML 8Page - Linear Technology LTC1665IGN Datasheet HTML 9Page - Linear Technology LTC1665IGN Datasheet HTML 10Page - Linear Technology LTC1665IGN Datasheet HTML 11Page - Linear Technology LTC1665IGN Datasheet HTML 12Page - Linear Technology LTC1665IGN Datasheet HTML 13Page - Linear Technology LTC1665IGN Datasheet HTML 14Page - Linear Technology LTC1665IGN Datasheet HTML 15Page - Linear Technology LTC1665IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1665/LTC1660
©LINEAR TECHNOLOGY CORPORATION 1999
166560f LT/TP 0999 4K • PRINTED IN THE USA
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1661
Dual 10-Bit VOUT DAC in 8-Lead MSOP Package
VCC = 2.7V to 5.5V Micropower Rail-to-Rail Output
LTC1663
Single 10-Bit VOUT DAC in SOT-23 Package
VCC = 2.7V to 5.5V, Internal Reference, 60µA
LTC1446/LTC1446L
Dual 12-Bit VOUT DACs in SO-8 Package with Internal Reference
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit VOUT DAC in SO-8 Package
VCC = 2.7V to 5.5V, External Reference Can Be Tied to VCC
LTC1454/LTC1454L
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1590
Dual 12-Bit IOUT DAC in SO-16 Package
VCC = 4.5V to 5.5V, 4-Quadrant Multiplication
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in 8-Lead MSOP Package
Low Power Multiplying VOUT DAC. Output Swings from
VCC: 2.7V to 5.5V
GND to REF. REF Input Can Be Tied to VCC
LT1460
Micropower Precision Series Reference, 2.5V, 5V, 10V Versions
0.075% Max, 10ppm/
°C Max, Only 130µA Supply Current
RELATED PARTS
A Pin Driver VH and VL Adjustment Circuit for ATE Applications
2
6
16
11
DAC A
CLR
VCC
REF
5V
U1 LTC1660
0.1
µF
0.1
µF
0.1
µF
VA
3
VH′ = VH + ∆VH
VL′ = VL + ∆VL
VL
1
2
VH
(FROM MAIN DAC)
VL
(FROM MAIN DAC)
10V
–5V
RG
50k
RF
5k
VB
VC
VD
GND
1665/60 TA03
3
DAC B
0.1
µF
RG
50k
RG
50k
RG
50k
+
U2A
LT1369
QUAD
0.1
µF
5
7
6
RF
5k
RF
5k
RF
5k
LOGIC
DRIVE
PIN DRIVER
(1 OF 2)
DAC C
DAC D
DAC H
DAC G
DAC F
DAC E
CS/LD
SCK
DIN
4
5
8
1
9
7
+
U2B
LT1369
QUAD
VL
VOUT
VH
CODE A
512
512
512
CODE B
1023
512
0
∆VH, ∆VL
– 250mV
0
+ 250mV
VA = VC = 2.5V
For Resistor Values Shown:
Adjustment Range =
±250mV
Adjustment Step Size = 500
µV
Note: DACs E Through H Can Be
Configured for a Second Pin Driver
With U2C and U2D of the LT1369
VH′ = VH +
(VA – VB)
RF
RG
VL′ = VL +
(VC – VD)
RF
RG
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com