Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1596ACSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1596ACSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596ACSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1596ACSW Datasheet HTML 2Page - Linear Technology LTC1596ACSW Datasheet HTML 3Page - Linear Technology LTC1596ACSW Datasheet HTML 4Page - Linear Technology LTC1596ACSW Datasheet HTML 5Page - Linear Technology LTC1596ACSW Datasheet HTML 6Page - Linear Technology LTC1596ACSW Datasheet HTML 7Page - Linear Technology LTC1596ACSW Datasheet HTML 8Page - Linear Technology LTC1596ACSW Datasheet HTML 9Page - Linear Technology LTC1596ACSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1595/LTC1596/LTC1596-1
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
LTC1595
VREF (Pin 1): Reference Input.
RFB (Pin 2): Feedback Resistor. Normally tied to the output
of the current to voltage converter op amp.
OUT1 (Pin 3): Current Output Pin. Tie to inverting input of
current to voltage converter op amp.
GND (Pin 4): Ground Pin.
LD (Pin 5): The Serial Interface Load Control Input. When
LD is pulled low, data is loaded from the shift register into
the DAC register, updating the DAC output.
SRI (Pin 6): The Serial Data Input. Data on the SRI pin is
latched into the shift register on the rising edge of the serial
clock. Data is loaded MSB first.
CLK (Pin 7): The Serial Interface Clock Input.
VDD (Pin 8): The Positive Supply Input. 4.5V ≤ VDD ≤ 5.5V.
Requires a bypass capacitor to ground.
LTC1596/LTC1596-1
OUT1 (Pin 1): True Current Output Pin. Tie to inverting
input of current to voltage converter op amp.
OUT2 (Pin 2): Complement Current Output Pin. Tie to
analog ground.
AGND (Pin 3): Analog Ground Pin.
STB1, STB2, STB3, STB4 (Pins 4, 8, 10, 11): Serial
Interface Clock Inputs. STB1, STB2 and STB4 are rising
edge triggered inputs. STB3 is a falling edge triggered
input (see Truth Tables).
LD1, LD2 (Pins 5, 9): Serial Interface Load Control Inputs.
When LD1 and LD2 are pulled low, data is loaded from the
shift register into the DAC register, updating the DAC
output (see Truth Tables).
SRO (Pin 6): The Output of the Shift Register. Becomes
valid on the active edge of the serial clock.
SRI (Pin 7): The Serial Data Input. Data on the SRI pin is
latched into the shift register on the active edge of the
serial clock. Data is loaded MSB first.
DGND (Pin 12): Digital Ground Pin.
CLR (Pin 13): The Clear Pin for the DAC. Clears DAC to zero
scale when pulled low on LTC1596. Clears DAC to midscale
when pulled low on LTC1596-1. This pin should be tied to
VDD for normal operation.
VDD (Pin 14): The Positive Supply Input. 4.5V ≤ VDD ≤
5.5V. Requires a bypass capacitor to ground.
VREF (Pin 15): Reference Input.
RFB (Pin 16): Feedback Resistor. Normally tied to the
output of the current to voltage converter op amp.
Supply Current
vs Logic Input Voltage
INPUT VOLTAGE (V)
0
0.6
0.8
1.0
4
1595/96 G10
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
1
2
3
5
VDD = 5V
Logic Threshold
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
1.0
2.0
3.0
0.5
1.5
2.5
1595/96 G11
10
05
16
27
38
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com