Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1702C Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1702C
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702C Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1702C Datasheet HTML 18Page - Linear Technology LTC1702C Datasheet HTML 19Page - Linear Technology LTC1702C Datasheet HTML 20Page - Linear Technology LTC1702C Datasheet HTML 21Page - Linear Technology LTC1702C Datasheet HTML 22Page - Linear Technology LTC1702C Datasheet HTML 23Page - Linear Technology LTC1702C Datasheet HTML 24Page - Linear Technology LTC1702C Datasheet HTML 25Page - Linear Technology LTC1702C Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
LTC1702
Applications that require optimized transient response will
need to recalculate the compensation values specifically
for the circuit in question. The underlying mathematics are
complex, but the component values can be calculated in a
straightforward manner if we know the gain and phase of
the modulator at the crossover frequency.
Modulator gain and phase can be measured directly from
a breadboard, or can be simulated if the appropriate
parasitic values are known. Measurement will give more
accurate results, but simulation can often get close enough
to give a working system. To measure the modulator gain
and phase directly, wire up a breadboard with an LTC1702
and the actual MOSFETs, inductor, and input and output
capacitors that the final design will use. This breadboard
should use appropriate construction techniques for high
speed analog circuitry: bypass capacitors located close to
the LTC1702, no long wires connecting components,
appropriately sized ground returns, etc. Wire the feedback
amplifier as a simple type 1 loop, with a 10k resistor from
VOUT to FB and a 0.1µF feedback capacitor from COMP to
FB. Choose the bias resistor (RB) as required to set the
desired output voltage. Disconnect RB from ground and
connect it to a signal generator or to the source output of
a network analyzer (Figure 12) to inject a test signal into
the loop. Measure the gain and phase from the COMP pin
to the output node at the positive terminal of the output
capacitor. Make sure the analyzer’s input is AC coupled so
that the DC voltages present at both the COMP and VOUT
“Type 3” loops (Figure 11) use two poles and two zeros to
obtain a 180
° phase boost in the middle of the frequency
band. A properly designed type 3 circuit can maintain
acceptable loop stability even when low output capacitor
ESR causes the LC section to approach 180
° phase shift
well above the initial LC roll-off. As with a type 2 circuit, the
loop should cross through 0dB in the middle of the phase
bump to maximize phase margin. Many LTC1702 circuits
using low ESR tantalum or OS-CON output capacitors
need type 3 compensation to obtain acceptable phase
margin with a high bandwidth feedback loop.
APPLICATIONS INFORMATION
OUT
IN
R1
R3
C2
C1
C3
R2
RB
1702 F11a
VREF
+
–
GAIN
(dB)
PHASE
(DEG)
1702 F11b
00
–90
–180
–270
+6dB/OCT
–6dB/OCT
PHASE
GAIN
–6dB/OCT
Figure 11a. Type 3 Amplifier Schematic Diagram
Figure 11B. Type 3 Amplifier Transfer Function
BOOST2
TG
SW
BG
FCB
FAULT
COMP
FB
RUN/SS
1/2 LTC1702
VCC
10
Ω MBR0530T
CIN
5V
QT
1
µF
VOUT
TO
ANALYZER
VCOMP
TO
ANALYZER
AC
SOURCE
FROM
ANALYZER
LEXT
QB
10
µF
0.1
µF
RB
PVCC
SGND PGND
+
+
10k
NC
COUT
1702 F12
+
Figure 12. Modulator Gain/Phase Measurement Set-Up
Feedback Component Selection
Selecting the R and C values for a typical type 2 or type 3
loop is a nontrivial task. The applications shown in this data
sheet show typical values, optimized for the power com-
ponents shown. They should give acceptable performance
with similar power components, but can be way off if even
one major power component is changed significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com