Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1703 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC1703 Datasheet HTML 28Page - Linear Technology LTC1703 Datasheet HTML 29Page - Linear Technology LTC1703 Datasheet HTML 30Page - Linear Technology LTC1703 Datasheet HTML 31Page - Linear Technology LTC1703 Datasheet HTML 32Page - Linear Technology LTC1703 Datasheet HTML 33Page - Linear Technology LTC1703 Datasheet HTML 34Page - Linear Technology LTC1703 Datasheet HTML 35Page - Linear Technology LTC1703 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
LTC1703
TYPICAL APPLICATIO S
VCC
BOOST1
TG1
SW1
BG1
COMP1
FB1
SENSE
RUN/SS1
IMAX1
BOOST2
FAULT
47k
47k
22k
11k
120pF
220pF
220pF
0.1
µF
1
µF
Q1
Q3
Q2
330pF
1
Ω
1
Ω
1
Ω
10
Ω
10
Ω
1
Ω
1703 TA04
VOUT
1.3V TO 3.5V
25A
TG2
SW2
BG2
COMP2
FB2
RUN/SS2
IMAX2
PVCC
SGND
PGND
VID4:0
FCB
MBR
330T
L2
1
µH
MBR
330T
MBR0530T
MBR0530T
LTC1703
MBR
0530T
Q4
Q6
Q5
120pF
+
10k
10k
0.003
Ω
0.5W
0.003
Ω
0.5W
VIN
5V
±10%
11k
20k
10k
10k
330pF
0.1
µF
1
µF
0.1
µF
10
µF
LT
®1006
0.1
µF
+
470
µF*
+
470
µF*
470
µF*
× 2
*KEMET T510X477M006AS
Q1 TO Q6: FAIRCHILD FDS6670A
L1, L2: MURATA LQT12535C1R5N12
+
470
µF*
+
L1
1
µH
FAULT
VID4:0
Single Output, 2-Phase, 25A VID Converter
(VIN = 5V, VOUT = 0.9V to 2.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com