Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1709EG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1709EG
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709EG Datasheet(HTML) 2 Page - Linear Technology

  LTC1709EG Datasheet HTML 1Page - Linear Technology LTC1709EG Datasheet HTML 2Page - Linear Technology LTC1709EG Datasheet HTML 3Page - Linear Technology LTC1709EG Datasheet HTML 4Page - Linear Technology LTC1709EG Datasheet HTML 5Page - Linear Technology LTC1709EG Datasheet HTML 6Page - Linear Technology LTC1709EG Datasheet HTML 7Page - Linear Technology LTC1709EG Datasheet HTML 8Page - Linear Technology LTC1709EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1709
ORDER PART
NUMBER
LTC1709EG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 85°C/W
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
(Note 1)
Input Supply Voltage (VIN).........................36V to –0.3V
Topside Driver Voltages (BOOST 1, 2) .......42V to – 0.3V
Switch Voltage (SW1, 2) .............................36V to – 5 V
SENSE 1+, SENSE 2 +, SENSE 1–,
SENSE 2 – Voltages ....................... (1.1)INTVCC to –0.3V
EAIN, VOS+, VOS–, EXTVCC, INTVCC, RUN/SS,
AMPMD, VBIAS, ATTENIN, ATTENOUT,
VID0–VID4, Voltages ...................................7V to – 0.3V
Boosted Driver Voltage (BOOST-SW) .......... 7V to – 0.3V
PLLFLTR, PLLIN, VDIFFOUT Voltages .... INTVCC to –0.3V
ITH Voltage ................................................2.7V to –0.3V
Peak Output Current <1
µs(TGL1, 2; BG1, 2).............. 3A
INTVCC RMS Output Current ................................ 50mA
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Note 3) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VEAIN
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
q
0.792
0.800
0.808
V
VSENSEMAX
Maximum Current Sense Threshold
VSENSE– = 5V
q
62
75
88
mV
IINEAIN
Feedback Current
(Note 4)
– 5
– 50
nA
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
∆ITH Voltage: 1.2V to 0.7V q
0.1
0.5
%
Measured in Servo Loop;
∆ITH Voltage: 1.2V to 2V
q
– 0.1
– 0.5
%
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 4)
0.002
0.02
%/V
VOVL
Output Overvoltage Threshold
Measured at VEAIN
q
0.84
0.86
0.88
V
UVLO
Undervoltage Lockout
VIN Ramping Down
3
3.5
4
V
gm
Transconductance Amplifier gm
ITH = 1.2V; Sink/Source 5µA; (Note 4)
3
mmho
gmOL
Transconductance Amplifier Gain
ITH = 1.2V; (gmxZL; No Ext Load); (Note 4)
1.5
V/mV
IQ
Input DC Supply Current
(Note 5)
Normal Mode
EXTVCC Tied to VOUT; VOUT = 5V
470
µA
Shutdown
VRUN/SS = 0V
20
40
µA
IRUN/SS
Soft-Start Charge Current
VRUN/SS = 1.9V
– 0.5
–1.2
µA
VRUN/SS
RUN/SS Pin ON Arming
VRUN/SS Rising
1.0
1.5
1.9
V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
RUNN/SS
SENSE 1+
SENSE 1–
EAIN
PLLFLTR
PLLIN
NC
ITH
SGND
VDIFFOUT
VOS–
VOS+
SENSE 2–
SENSE 2+
ATTENOUT
ATTENIN
VID0
VID1
NC
TG1
SW1
BOOST 1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST 2
SW2
TG2
AMPMD
VBIAS
VID4
VID3
VID2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com