Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM042N03CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM042N03CS
Description  30V N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM042N03CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM042N03CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM042N03CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM042N03CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM042N03CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM042N03CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM042N03CS
30V N-Channel Power MOSFET
1/5
Version: A14
SOP-8
Key Parameter Performance
Parameter
Value
Unit
VDS
30
V
RDS(on) (max)
VGS = 10V
4.2
m
Ω
VGS = 4.5V
6
Qg
24
nC
Ordering Information
Part No.
Package
Packing
TSM042N03CS RLG
SOP-8
2.5kp
s / 13’’ Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Block Diagram
N-Channel MOSFET
Absolute Maximum Ratings (Tc=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
Tc=25ºC
ID
30
A
Tc=100ºC
19
A
Pulsed Drain Current
(Note 1)
IDM
120
A
Single Pulse Avalanche Energy
(Note 2)
EAS
125
mJ
Single Pulse Avalanche Current
(Note 2)
IAS
50
A
Power Dissipation @ TC = 25
oC
PD
7
W
Operating Junction Temperature
TJ
175
ºC
Storage Temperature Range
TSTG
-55 to +175
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Ambient
RӨJA
62
oC/W
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain


Similar Part No. - TSM042N03CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM040N03CPROG TSC-TSM040N03CPROG Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM043NH04LCR TSC-TSM043NH04LCR Datasheet
611Kb / 7P
Power Transistor
B2207
TSM043NH04LCRRLG TSC-TSM043NH04LCRRLG Datasheet
611Kb / 7P
Power Transistor
B2207
TSM045NA03CR TSC-TSM045NA03CR Datasheet
339Kb / 6P
N-Channel Power MOSFET
More results

Similar Description - TSM042N03CS

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT7126 ANALOGICTECH-AAT7126 Datasheet
127Kb / 4P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com