Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM60N06CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N06CPROG
Description  60V N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N06CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM60N06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSM60N06
60V N-Channel Power MOSFET
1/4
Version: A12
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
60
7.3 @ VGS =10V
66
Features
●
Advanced Trench Technology
●
Low RDS(ON) 7.3mΩ (Max.)
●
Low gate charge typical @ 81nC (Typ.)
●
Low Crss typical @ 339pF (Typ.)
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM60N06CP ROG
TO-252
2.5Kpcs / 13
” Reel
Note:
“G” denote for Halogen Free Product
Absolute Maximum Rating (TC = 25℃ unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25℃
ID
66
A
TC = 70℃
53
TA = 25℃
13
TA = 70℃
10
Drain Current-Pulsed Note 1
IDM
150
A
Avalanche Current, L = 0.1mH
IAS, IAR
53
A
Avalanche Energy, L = 0.1mH
EAS, EAR
400
mJ
Maximum Power Dissipation
TC = 25℃
PD
44.6
W
TC = 70℃
28.6
TA = 25℃
2
TA = 70℃
1.3
Storage Temperature Range
TSTG
-55 to +150
℃
Operating Junction Temperature Range
TJ
-55 to +150
℃
* Limited by maximum junction temperature
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
2.8
℃/W
Thermal Resistance - Junction to Ambient
RӨJA
62
℃/W
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM60N06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06CP TSC-TSM60N06CP Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM60N06CP DOINGTER-TSM60N06CP Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - TSM60N06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
35N06 UMW-35N06 Datasheet
781Kb / 8P
60V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com