Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1841C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1841C
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841C Datasheet(HTML) 4 Page - Linear Technology

  LTC1841C Datasheet HTML 1Page - Linear Technology LTC1841C Datasheet HTML 2Page - Linear Technology LTC1841C Datasheet HTML 3Page - Linear Technology LTC1841C Datasheet HTML 4Page - Linear Technology LTC1841C Datasheet HTML 5Page - Linear Technology LTC1841C Datasheet HTML 6Page - Linear Technology LTC1841C Datasheet HTML 7Page - Linear Technology LTC1841C Datasheet HTML 8Page - Linear Technology LTC1841C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1841/LTC1842/LTC1843
TYPICAL PERFORMANCE CHARACTERISTICS
Comparator Response Time vs
Input Overdrive, with RPULL-UP = 5k
Comparator Response Time vs
Input Overdrive, with RPULL-UP = 5k
RESPONSE TIME (
µs)
–1
0
0
1
6
14
18
5
1440/1/2/3 G02
100
210
4
12
16
08
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C
Comparator Short-Circuit Sink
Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
200
180
160
140
120
100
80
60
40
20
0
8
1440/1/2/3 G03
2
135
79
4
6
10
OUT CONNECTED TO V+
TA = 25°C
Comparator Response Time vs
Load Capacitance with 100mV
Input Overdrive
LOAD CAPACITANCE (nF)
0
12
10
8
6
4
2
80
1440/1/2/3 G04
20
40
60
100
tPHL
tPLH
Comparator Response Time at
Low Supply Voltage
SUPPLY VOLTAGE (V)
1.0
10000
1000
100
10
1
1.2
1.4
1.6
1.1
1.3
1.5
1440/1/2/3 G05
20mV OVERDRIVE
100mV OVERDRIVE
Comparator Output Voltage Low
vs Load Current
LOAD CURRENT (mA)
0
1.5
2.0
2.5
30
50
80
1440/1/2/3 G06
1.0
0.5
0
10
20
40
60
70
V+ = 2V
V+ = 3V
V+ = 5V
TA = 25°C
RESPONSE TIME (
µs)
–1
100
0
1
6
4
5
1440/1/2/3 G01
0
2
010
8
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com