Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1921 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1921
Description  Dual .48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1921
1921i
MOCD207
FUSE STATUS
SUPPLY
STATUS
1921 F03a
5V
47k
5V
47k
R3
47k
1/4W
–48V OUT
OUT F
–48V
RETURN
VA
3
4
5
7
2
8
1
6
VB
FUSE A
RTN
LTC1921
FUSE B
OUT A
OUT B
SUPPLY A
–48V
SUPPLY B
–48V
R1
100k
F1
F2
R2
100k
OK: WITHIN SPECIFICATION
OV: OVERVOLTAGE
UV: UNDERVOLTAGE
0: LED/PHOTODIODE ON
1: LED/PHOTODIODE OFF
*IF BOTH FUSES (F1 AND F2) ARE OPEN,
ALL STATUS OUTPUTS WILL BE HIGH
SINCE R3 WILL NOT BE POWERED
SUPPLY STATUS
0
1
1
1
VB
OK
UV OR OV
OK
UV OR OV
VA
OK
OK
UV OR OV
UV OR OV
FUSE STATUS
0
1
1
1*
FUSE B
= VB
≠ VB
= VB
≠ VB
FUSE A
= VA
= VA
≠ VA
≠ VA
= LOGIC COMMON
MOC207
STATUS
1921 F03b
5V
OK: WITHIN SPECIFICATION
0: LED/PHOTODIODE ON
1: LED/PHOTODIODE OFF
47k
LOGIC
COMMON
48k
1/2W
–48V OUT
OUT F
VA
3
4
5
7
2
8
1
6
VB
FUSE A
RTN
LTC1921
FUSE B
OUT A
OUT B
SUPPLY A
–48V
SUPPLY B
–48V
100k
–48V
RETURN
100k
FUSE B
= VB
VA
OK
VB
OK
STATUS
0
1
FUSE A
= VA
ALL OTHER CONDITIONS
Figure 3a. Combined Supply Status
Figure 3b. All Outputs Combined
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com