Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM160P02CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM160P02CSRLG
Description  P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM160P02CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM160P02CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM160P02CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM160P02CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM160P02CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM160P02CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM160P02CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM160P02
Taiwan Semiconductor
Document Number: DS_P0000161
2
Version: A15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX UNIT
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-0.3
-0.6
-1.0
V
Gate Body Leakage
VGS = ±10V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
-1
µA
Drain-Source On-State Resistance
VGS = -4.5V, ID = -6A
RDS(ON)
--
12
16
m
Ω
VGS = -2.5V, ID = -4A
16
22
VGS = -1.8V, ID = -3A
--
21
28
Dynamic
(Note 4)
Total Gate Charge
VDS = -10V, ID = -6A,
VGS = -4.5V
Qg
--
27
--
nC
Gate-Source Charge
Qgs
--
2.4
--
Gate-Drain Charge
Qgd
--
5.3
--
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Ciss
--
2320
--
pF
Output Capacitance
Coss
--
280
--
Reverse Transfer Capacitance
Crss
175
Switching
(Note 5)
Turn-On Delay Time
VDD = -10V,
RGEN = 25Ω,
ID = -1A, VGS = -4.5V,
td(on)
--
16.2
--
ns
Turn-On Rise Time
tr
--
43.5
--
Turn-Off Delay Time
td(off)
--
114
--
Turn-Off Fall Time
tf
--
28.8
--
Source-Drain Diode
(Note 3)
Forward On Voltage
IS = -1 A, VGS = 0V
VSD
--
--
-1
V
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
4.
For DESIGN AID ONLY, not subject to production testing.
5.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com