Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM230N06CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM230N06CPROG
Description  60V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM230N06CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM230N06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM230N06
60V N-Channel Power MOSFET
2/8
Version: C14
Thermal Performance
Parameter
Symbol
Limit
Unit
TO-220
ITO-220
DPAK
Thermal Resistance - Junction to Case
RӨJC
1.2
3
2
°
C/W
Thermal Resistance - Junction to Ambient
RӨJA
62
62
62
Electrical Specifications (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
60
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 20A
RDS(ON)
--
20
23
m
Ω
VGS = 4.5V, ID = 12A
--
23
28
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.2
1.8
2.5
V
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
IDSS
--
--
1
µA
VDS = 48V, TJ = 125°C
--
--
10
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
(Note 4)
VDS = 10V, ID = 10A
gfs
--
9
--
S
Dynamic
Total Gate Charge
(Note 4,5)
VDS = 30V, ID = 15A,
VGS = 10V
Qg
--
28
--
nC
Gate-Source Charge
(Note 4,5)
Qgs
--
3.5
--
Gate-Drain Charge
(Note 4,5)
Qgd
--
6.5
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
1680
--
pF
Output Capacitance
Coss
--
115
--
Reverse Transfer Capacitance
Crss
--
85
--
Switching
Turn-On Delay Time
(Note 4,5))
VDD = 30V, ID = 1A,
VGS = 10V, RG = 6Ω
td(on)
--
7.2
--
ns
Turn-On Rise Time
(Note 4,5))
tr
--
38
--
Turn-Off Delay Time
(Note 4,5)
td(off)
--
34
--
Turn-Off Fall Time
(Note 4,5)
tf
--
8.2
--
Source-Drain Diode Ratings and Characteristic
Maximum Continuous Drain-Source
Diode Forward Current
Integral reverse diode
in the MOSFET
IS
--
--
50
A
Maximum Pulse Drain-Source Diode
Forward Current
ISM
--
--
200
A
Diode-Source Forward Voltage
VGS = 0V, IS = 1A
VSD
--
--
1
V
Reverse Recovery Time
(Note 4)
VGS = 0V, IS = 1A
dIF/dt = 100A/µs
trr
--
19.6
--
ns
Reverse Recovery Charge
(Note4)
Qrr
--
14.2
--
nC
Note:
1.
Limited by maximum junction temperature
2.
Pulse width limited by safe operating area
3.
L = 0.1mH, IAS = 29A, VDD = 25V, RG = 25Ω, Starting TJ = 25°C
4.
Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%
5.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com