Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6A Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # KBJ6A
Description  Single-phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

KBJ6A Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  KBJ6A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd KBJ6A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线
Characteristic Curves
10
100
02
5
20
50
0
150
180
120
90
60
30
1
1.4
1.3
0.7
0.8
0.9
1.2
10
100
1.1
0.6
1.0
Pulse measurement
per diode
Tl=25℃
8.3 mS 8.3mS
1 Cycle
non-repetitive
Tj=25℃ before
VF Instantaneous Forward Voltage (V)
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
通过电流的周期
正向电压 VF(V)
浪涌特性曲线(最大值)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON REPETITIVE
大昌电子
DACHANG ELECTRONICS
0
40
80
120
160
0
4
8
2
6
管体温度 Tc(
°C)
Tc. Case temperature (°C)
+~
~
-
heatsink
sine wave R-load
with heatsink
Tc
KBJ6A ...... KBJ6M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com