Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2402 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2402
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 4Page - Linear Technology LTC2402 Datasheet HTML 5Page - Linear Technology LTC2402 Datasheet HTML 6Page - Linear Technology LTC2402 Datasheet HTML 7Page - Linear Technology LTC2402 Datasheet HTML 8Page - Linear Technology LTC2402 Datasheet HTML 9Page - Linear Technology LTC2402 Datasheet HTML 10Page - Linear Technology LTC2402 Datasheet HTML 11Page - Linear Technology LTC2402 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
00000H
12.5%
EXTENDED
RANGE
FFFFFH
ZSSET
FSSET
VIN
24012 F04
12.5%
EXTENDED
RANGE
Figure 4. Transfer Curve with Zero-Scale and Full-Scale Set
removed by the FSSET input to the ADC. The absolute full-
scale output of the ADC (data out = FFFFFFHEX ) will occur
at VIN = VB= FSSET, see Figure 4. Similarly, the offset errors
due to RP2 are removed by the ground sense input ZSSET.
The absolute zero output of the ADC (data out = 000000HEX)
occurs at VIN = VA = ZSSET. Parasitic resistors RP3 to RP5
have negligible errors due to the 1nA (typ) leakage current
at pins FSSET, ZSSET and VIN. The wide dynamic input
range (– 300mV to 5.3V) and low noise (0.6ppm RMS)
enable the LTC2401 or the LTC2402 to directly digitize the
output of the bridge sensor.
The LTC2402 is ideal for applications requiring continu-
ous monitoring of two input sensors. As shown in
Figure 5, the LTC2402 can monitor both a thermocouple
temperature probe and a cold junction temperature sen-
sor. Absolute temperature measurements can be
performed with a variety of thermocouples using digital
cold junction compensation.
The selection between CH0 and CH1 is automatic. Initially,
after power-up, a conversion is performed on CH0. For
each subsequent conversion, the input channel selection
Figure 5. Isolated Temperature Measurement
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
THERMOCOUPLE
COLD JUNCTION
ISOLATION
BARRIER
PROCESSOR
CH0
–
+
110
12k
THERMISTOR
100
Ω
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
24012 F05
VCC
LTC2401
FSSET
GND
SCK
VIN
SDO
FO
CS
ZSSET
3-WIRE
SPI INTERFACE
1
9
8
7
10
24012 F03
2
3
5
RP2
RP5
IDC = 0
RP1
VB
VA
6
RP4
IDC = 0
IEXCITATION
RP3
IDC = 0
Figure 3. Half-Bridge Digitizer with
Zero-Scale and Full-Scale Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com