Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2402C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2402C
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402C Datasheet(HTML) 1 Page - Linear Technology

  LTC2402C Datasheet HTML 1Page - Linear Technology LTC2402C Datasheet HTML 2Page - Linear Technology LTC2402C Datasheet HTML 3Page - Linear Technology LTC2402C Datasheet HTML 4Page - Linear Technology LTC2402C Datasheet HTML 5Page - Linear Technology LTC2402C Datasheet HTML 6Page - Linear Technology LTC2402C Datasheet HTML 7Page - Linear Technology LTC2402C Datasheet HTML 8Page - Linear Technology LTC2402C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC2401/LTC2402
1-/2-Channel 24-Bit
µPower
No Latency
∆ΣTMADC in MSOP-10
January 2000
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain-Gage Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Pseudo Differential Bridge Digitizer
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®2401/LTC2402 are 1- and 2-channel 2.7V to
5.5V micropower 24-bit analog-to-digital converters with
an integrated oscillator, 4ppm INL and 0.6ppm RMS
noise. These ultrasmall devices use delta-sigma technol-
ogy and a new digital filter architecture that settles in a
single cycle. This eliminates the latency found in conven-
tional
∆Σ converters and simplifies multiplexed applica-
tions.
Through a single pin, the LTC2401/LTC2402 can be
configured for better than 110dB rejection at 50Hz or
60Hz
±2%, or can be driven by an external oscillator for
a user defined rejection frequency in the range 1Hz to
120Hz. The internal oscillator requires no external fre-
quency setting components.
These converters accept an external reference voltage
from 0.1V to VCC. With an extended input conversion
range of –12.5% VREF to 112.5% VREF (VREF = FSSET –
ZSSET), the LTC2401/LTC2402 smoothly resolve the off-
set and overrange problems of preceding sensors or
signal conditioning circuits.
The LTC2401/LTC2402 communicate through a 2- or
3-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
s
24-Bit ADC in Tiny MSOP-10 Package
s
1- or 2-Channel Inputs
s
Automatic Channel Selection (Ping-Pong) (LTC2402)
s
Zero Scale and Full Scale Set for Reference
and Ground Sensing
s
4ppm INL, No Missing Codes
s
4ppm Full-Scale Error
s
0.5ppm Offset
s
0.6ppm Noise
s
Internal Oscillator—No External Components Required
s
110dB Min, 50Hz/60Hz Notch Filter
s
Single Conversion Settling Time for
Multiplexed Applications
s
Reference Input Voltage: 0.1V to VCC
s
Live Zero—Extended Input Range Accommodates
12.5% Overrange and Underrange
s
Single Supply 2.7V to 5.5V Operation
s
Low Supply Current (200
µA) and Auto Shutdown
ANALOG
INPUT RANGE
–0.12VREF TO 1.12VREF
(VREF = FSSET – ZSSET)
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
24012 TA01
VCC
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
VCC
FSSET
ZSSET
SCK
CH0
SDO
FO
CS
CH1
GND
LTC2402
3-WIRE
SPI INTERFACE
INTERNAL OSCILLATOR
60Hz REJECTION
1
9
2.7V TO 5.5V
8
7
10
6
24012TA02
2
4
3
5


Similar Part No. - LTC2402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2402CMS LINER-LTC2402CMS Datasheet
358Kb / 32P
1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
More results

Similar Description - LTC2402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
24-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
20-Bit uPower No Latency ADC in SO-8
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com