Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2404C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2404C
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2404C Datasheet(HTML) 2 Page - Linear Technology

  LTC2404C Datasheet HTML 1Page - Linear Technology LTC2404C Datasheet HTML 2Page - Linear Technology LTC2404C Datasheet HTML 3Page - Linear Technology LTC2404C Datasheet HTML 4Page - Linear Technology LTC2404C Datasheet HTML 5Page - Linear Technology LTC2404C Datasheet HTML 6Page - Linear Technology LTC2404C Datasheet HTML 7Page - Linear Technology LTC2404C Datasheet HTML 8Page - Linear Technology LTC2404C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC2404/LTC2408
ORDER
PART NUMBER
Consult factory for Military grade parts.
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
TJMAX = 125°C, θJA = 130°C/W
LTC2404CG
LTC2404IG
Operating Temperature Range
LTC2404C/LTC2408C .............................. 0
°C to 70°C
LTC2404I/LTC2408I ........................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER
PART NUMBER
LTC2408CG
LTC2408IG
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
2.5V
≤ VREF ≤ VCC, (Note 5)
q
24
Bits
Integral Nonlinearity
VREF = 2.5V (Note 6)
q
2
10
ppm of VREF
VREF = 5V (Note 6)
q
4
15
ppm of VREF
Offset Error
2.5V
≤ VREF ≤ VCC
q
0.5
2
ppm of VREF
Offset Error Drift
2.5V
≤ VREF ≤ VCC
0.01
ppm of VREF/°C
Full-Scale Error
2.5V
≤ VREF ≤ VCC
q
4
10
ppm of VREF
Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC
0.02
ppm of VREF/°C
Total Unadjusted Error
VREF = 2.5V
5
ppm of VREF
VREF = 5V
10
ppm of VREF
Output Noise
VIN = 0V (Note 13)
1.5
µVRMS
Normal Mode Rejection 60Hz
±2%
(Note 7)
q
110
130
dB
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
TJMAX = 125°C, θJA = 130°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
CONVERTER CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VCC
VREF
ADCIN
GND
COM
MUXOUT
VCC
CH0
CH1
CH2
CH3
NC
NC
GND
GND
FO
SCK
SDO
CSADC
GND
DIN
CSMUX
CLK
GND
NC
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VCC
VREF
ADCIN
GND
COM
MUXOUT
VCC
CH0
CH1
CH2
CH3
CH4
CH5
GND
GND
FO
SCK
SDO
CSADC
GND
DIN
CSMUX
CLK
GND
CH7
GND
CH6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com