Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC490 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC490
Description  Differential Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490 Datasheet(HTML) 5 Page - Linear Technology

  LTC490 Datasheet HTML 1Page - Linear Technology LTC490 Datasheet HTML 2Page - Linear Technology LTC490 Datasheet HTML 3Page - Linear Technology LTC490 Datasheet HTML 4Page - Linear Technology LTC490 Datasheet HTML 5Page - Linear Technology LTC490 Datasheet HTML 6Page - Linear Technology LTC490 Datasheet HTML 7Page - Linear Technology LTC490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC490
Figure 4. Receiver Propagation Delays
Figure 3. Driver Propagation Delays
TI E WAVEFOR
S
G
WITCHI
S
S
APPLICATI
I FOR ATIO
Typical Application
A typical connection of the LTC490 is shown in Figure 5.
Two twisted-pair wires connect two driver/receiver pairs
for full duplex data transmission. Note that the driver and
receiver outputs are always enabled. If the outputs must be
disabled, use the LTC491.
There are no restrictions on where the chips are con-
nected, and it isn’t necessary to have the chips connected
at the ends of the wire. However, the wires must be
terminated only at the ends with a resistor equal to their
characteristic impedance, typically 120
Ω. Because only
Figure 5. Typical Connection
LTC490 • TA06
120
Ω
120
Ω
SHIELD
LTC490
DRIVER
RECEIVER
LTC490
DRIVER
DX
RX
DX
RX
2
3
5
6
7
8
RECEIVER
+
0.01
µF
1
4
5V
SHIELD
8
7
6
5
+
0.01
µF
5V
4
2
3
1
VOL
LTC490 • TA05
A-B
VOD2
0V
tPLH
0V
OUTPUT
VOH
1.5V
f = 1MHz ; tr ≤ 10ns : tf ≤ 10ns
tPHL
–VOD2
1.5V
INPUT
R
–VO
LTC490 • TA04
D
3V
0V
1.5V
tPLH
1.5V
VDIFF = V(Y) – V(Z)
VO
80%
20%
50%
10%
Z
Y
tSKEW
tr
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
90%
50%
tPHL
tf
VO
tSKEW
1/2 VO
1/2 VO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com